Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSW190410-50 Datasheet(PDF) 4 Page - SYNERGY MICROWAVE CORPORATION

Part # FSW190410-50
Description  INTELLIGENT INTERACTIVE SYNTHESIZER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

FSW190410-50 Datasheet(HTML) 4 Page - SYNERGY MICROWAVE CORPORATION

  FSW190410-50 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION FSW190410-50 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION FSW190410-50 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION FSW190410-50 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION FSW190410-50 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION FSW190410-50 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION FSW190410-50 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTELLIGENT INTERACTIVE SYNTHESIZER
SURFACE MOUNT MODEL: FSW190410-50
1900 - 4100 MHz
wide bandwidth
This product is manufactured under one or more of the following patents. Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575;
7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642; 7,292,113; 7,365,612; 7,495,525; 2,548,311; 2,548,317; 7,545,229; 7,580,693; 7,586,381; 7,605,670; 7,636,021; 2,533,623
| Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 &
60/710310; 10/937525/60/736901; 60/732787; 7,495,525; 2,548,311; 2,548,317; 7,545,229; 2,563,174; 7,580,693; 7,612,296; 2,524,751
Copyright © Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 USA • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
[ 4 of 7 ]
Ref 20 dBm
Att 45 dB
1 AP
CLRWR
A
SGL
300 kHz/
Center 3 GHz
Span 3 MHz
*
*
RBW 500 Hz
VBW 1 kHz
SWT 12 s
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
1
Marker 1 [T1 ]
0.74 dBm
3.000000000 GHz
2
Delta 2 [T1 ]
-72.77 dB
1.000000000 MHz
3
Delta 3 [T1 ]
-75.03 dB
-500.000000000 kHz
4
Delta 4 [T1 ]
-73.62 dB
-1.000000000 MHz
1
Delta 1 [T1 ]
-70.18 dB
500.000000000 kHz
Date: 18.MAR.2008 13:04:48
ReFeRenCe Sideband SUPPReSSiOn
Ref 20 dBm
Att 45 dB
CLRWR
A
SGL
1 AP
1.995 GHz/
Start 1.4 GHz
Stop 21.35 GHz
*RBW 300 kHz
SWT 3.4 s
*VBW 20 kHz
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
1
Marker 1 [T1 ]
0.67 dBm
2.998557692 GHz
2
Delta 2 [T1 ]
-31.81 dB
6.010576923 GHz
3
Delta 3 [T1 ]
-42.28 dB
17.999759615 GHz
4
Delta 4 [T1 ]
-42.28 dB
17.999759615 GHz
1
Delta 1 [T1 ]
-20.52 dB
3.005288462 GHz
Date: 18.MAR.2008 13:05:34
haRMOniC SUPPReSSiOn


Similar Part No. - FSW190410-50

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FSW190410-100 SYNERGY-FSW190410-100 Datasheet
522Kb / 4P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results

Similar Description - FSW190410-50

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FSW170280-50 SYNERGY-FSW170280-50 Datasheet
807Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW60170-50 SYNERGY-LFSW60170-50 Datasheet
553Kb / 3P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW35105-100 SYNERGY-LFSW35105-100 Datasheet
467Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-110250-10 SYNERGY-MTS2500-110250-10 Datasheet
767Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-200400-10 SYNERGY-MTS2500-200400-10 Datasheet
667Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW60135-50 SYNERGY-FSW60135-50 Datasheet
564Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
LFSW150320-25 SYNERGY-LFSW150320-25 Datasheet
430Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MTS2500-300600-10 SYNERGY-MTS2500-300600-10 Datasheet
609Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
FSW190410-100 SYNERGY-FSW190410-100 Datasheet
522Kb / 4P
   INTELLIGENT INTERACTIVE SYNTHESIZER
KMTS2500-30525-10 SYNERGY-KMTS2500-30525-10 Datasheet
867Kb / 8P
   INTELLIGENT INTERACTIVE SYNTHESIZER
MFSH432493-100 SYNERGY-MFSH432493-100 Datasheet
480Kb / 7P
   INTELLIGENT INTERACTIVE SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com