Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2885L Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SK2885L
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2885L Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SK2885L Datasheet HTML 1Page - Hitachi Semiconductor 2SK2885L Datasheet HTML 2Page - Hitachi Semiconductor 2SK2885L Datasheet HTML 3Page - Hitachi Semiconductor 2SK2885L Datasheet HTML 4Page - Hitachi Semiconductor 2SK2885L Datasheet HTML 5Page - Hitachi Semiconductor 2SK2885L Datasheet HTML 6Page - Hitachi Semiconductor 2SK2885L Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK2885(L), 2SK2885(S)
3
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown
voltage
V
(BR)DSS
30
——V
I
D = 10mA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±20
——V
I
G = ±100µA, VDS = 0
Zero gate voltege drain
current
I
DSS
——
10
µAV
DS = 30 V, VGS = 0
Gate to source leak current
I
GSS
——
±10
µAV
GS = ±16V, VDS = 0
Gate to source cutoff voltage
V
GS(off)
1.0
2.0
V
I
D = 1mA, VDS = 10V
Static drain to source on state R
DS(on)
—1014m
I
D = 20A, VGS = 10V*
1
resistance
R
DS(on)
—1525m
I
D = 20A, VGS = 4V*
1
Forward transfer admittance
|y
fs|20
30
S
I
D = 20A, VDS = 10V*
1
Input capacitance
Ciss
1570
pF
V
DS = 10V
Output capacitance
Coss
1100
pF
V
GS = 0
Reverse transfer capacitance Crss
410
pF
f = 1MHz
Turn-on delay time
t
d(on)
32
ns
V
GS = 10V, ID = 20A
Rise time
t
r
300
ns
R
L = 0.5Ω
Turn-off delay time
t
d(off)
180
ns
Fall time
t
f
200
ns
Body to drain diode forward
voltage
V
DF
1.0
V
I
F = 45A, VGS = 0
Body to drain diode reverse
recovery time
t
rr
75
ns
I
F = 45A, VGS = 0
diF/ dt = 50A/
µs
Note:
1. Pulse test
See characteristics curves of 2SK2737


Similar Part No. - 2SK2885L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK2885L ISC-2SK2885L Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK2885L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com