Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLP-6060-040-CW Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FLP-6060-040-CW
Description  LED Panel Light Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FLP-6060-040-CW Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FLP-6060-040-CW Datasheet HTML 1Page - List of Unclassifed Manufacturers FLP-6060-040-CW Datasheet HTML 2Page - List of Unclassifed Manufacturers FLP-6060-040-CW Datasheet HTML 3Page - List of Unclassifed Manufacturers FLP-6060-040-CW Datasheet HTML 4Page - List of Unclassifed Manufacturers FLP-6060-040-CW Datasheet HTML 5Page - List of Unclassifed Manufacturers FLP-6060-040-CW Datasheet HTML 6Page - List of Unclassifed Manufacturers FLP-6060-040-CW Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
40W LED Panel Light
Product: FLP-6060-040-XX
Date: October 25, 2013
Page 4 of 7
Version# 1.0
Specification
Part Number
FLP-6060-040-WW
FLP-6060-040-NW
FLP-6060-040-CW
Input Voltage
AC 100V ~ 240V
Total Power Dissipation
36W (typ.)
Luminous Flux
2300lm (typ.)
2400lm (typ.)
2500lm (typ.)
CCT
Warm White (2700K typ.)
Natural White (4000K typ.)
Cool White (5700K typ.)
CRI
≥70
Beam Angle
111°
Operating Temperature
Range
-25°C ~ +50°C
Storage Temperature
Range
-25°C ~ +60°C
Lifespan
20000 ~ 30000 Hours
Part Number Coding
FLP
-
6060
-
040
-
XX
1
2
3
4
Code
Description
1: Product Series
FLP
Panel Light
2: Dimension
6060
600mm × 600mm
3: Power Consumption
040
40W
4: CCT
XX
WW: Warm White
NW: Natural White
CW: Cool White


Similar Part No. - FLP-6060-040-CW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLP-6060-040-CW ETC1-FLP-6060-040-CW Datasheet
1Mb / 7P
   40W LED Panel Light
More results

Similar Description - FLP-6060-040-CW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLP0606080WE03 ETC2-FLP0606080WE03 Datasheet
1Mb / 6P
   LED Panel Light Series
FLP-6060-030-WW ETC1-FLP-6060-030-WW Datasheet
1Mb / 7P
   LED Panel Light
logo
Chicago Miniature Lamp,...
5200F CML-5200F Datasheet
19Kb / 1P
   Series Panel Mounted LED Indicator Light
logo
List of Unclassifed Man...
FLP-6060-040-WW ETC1-FLP-6060-040-WW Datasheet
1Mb / 7P
   40W LED Panel Light
logo
Chicago Miniature Lamp,...
5894S CML-5894S Datasheet
66Kb / 1P
   Panel Mounted LED Indicator Light
logo
Visual Communications C...
5994S VCC-5994S Datasheet
87Kb / 1P
   Panel Mounted LED Indicator Light
logo
Chicago Miniature Lamp,...
5111F CML-5111F Datasheet
22Kb / 1P
   Panel Mounted LED Indicator Light
logo
Visual Communications C...
5101H VCC-5101H Datasheet
94Kb / 1P
   Panel Mounted LED Indicator Light
5110F VCC-5110F Datasheet
96Kb / 1P
   Panel Mounted LED Indicator Light
logo
Chicago Miniature Lamp,...
5994S CML-5994S Datasheet
65Kb / 1P
   Panel Mounted LED Indicator Light
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com