Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17-1 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # CNY17-1
Description  6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CNY17-1 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button CNY17-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers CNY17-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers CNY17-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers CNY17-1 Datasheet HTML 11Page - List of Unclassifed Manufacturers CNY17-1 Datasheet HTML 12Page - List of Unclassifed Manufacturers CNY17-1 Datasheet HTML 13Page - List of Unclassifed Manufacturers CNY17-1 Datasheet HTML 14Page - List of Unclassifed Manufacturers CNY17-1 Datasheet HTML 15Page - List of Unclassifed Manufacturers CNY17-1 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
CNY17 & CNY17F
6-PIN DIP PHOTOTRANSISTOR
OPTOCOUPLER
Product: CNY17 & CNY17F
Date: February 1, 2011
Page 14 of 16
Version# 1.1
Part
Number
Orderable Part
Number
Options Description
Quantity per
packing
CNY17-4
CNY17-4
None
Standard 6pin DIP
60pcs / Tube
CNY17-4V
None
Standard 6pin DIP With VDE
marking
60pcs / Tube
CNY17-4TA
W
Wide lead bend (0.4 inch spacing)
60pcs / Tube
CNY17-4TAV
W
Wide lead bend (0.4 inch spacing)
+ VDE marking
60pcs / Tube
CNY17-4STA
S
SMD lead form with tape and reel
option
1000pcs / reel
CNY17-4STAV
S
SMD lead form with tape and reel
option + VDE marking
1000pcs / reel
CNY17F-1
CNY17F-1
None
Standard 6pin DIP
60pcs / Tube
CNY17F-1V
None
Standard 6pin DIP With VDE
marking
60pcs / Tube
CNY17F-1TA
W
Wide lead bend (0.4 inch spacing)
60pcs / Tube
CNY17F-1TAV
W
Wide lead bend (0.4 inch spacing)
+ VDE marking
60pcs / Tube
CNY17F-1STA
S
SMD lead form with tape and reel
option
1000pcs / reel
CNY17F-1STAV
S
SMD lead form with tape and reel
option + VDE marking
1000pcs / reel
CNY17F-2
CNY17F-2
None
Standard 6pin DIP
60pcs / Tube
CNY17F-2V
None
Standard 6pin DIP With VDE
marking
60pcs / Tube
CNY17F-2TA
W
Wide lead bend (0.4 inch spacing)
60pcs / Tube
CNY17F-2TAV
W
Wide lead bend (0.4 inch spacing)
+ VDE marking
60pcs / Tube
CNY17F-2STA
S
SMD lead form with tape and reel
option
1000pcs / reel
CNY17F-2STAV
S
SMD lead form with tape and reel
option + VDE marking
1000pcs / reel


Similar Part No. - CNY17-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17-1 VISHAY-CNY17-1 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
logo
Lite-On Technology Corp...
CNY17-1 LITEON-CNY17-1 Datasheet
170Kb / 9P
   LITE-ON TECHNOLOGY CORPORATION
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Lite-On Technology Corp...
CNY17-1 LITEON-CNY17-1 Datasheet
169Kb / 9P
   High collector-emitter voltage
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
228Kb / 11P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - CNY17-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNY17 ETC1-CNY17 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC1-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
TIL111 ETC2-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q825 ETC1-Q825 Datasheet
530Kb / 10P
   8-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q815 ETC1-Q815 Datasheet
464Kb / 12P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Unisonic Technologies
83CXXX UTC-83CXXX_15 Datasheet
163Kb / 5P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
List of Unclassifed Man...
Q814 ETC1-Q814 Datasheet
502Kb / 13P
   4-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Q827 ETC1-Q827 Datasheet
470Kb / 13P
   8-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
4N2X ETC2-4N2X Datasheet
654Kb / 17P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLER
4N2X ETC1-4N2X Datasheet
654Kb / 17P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com