Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDB182-GTRB Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PDB182-GTRB
Description  PDB182-GTRB - 17 mm Blend-Balance Guitar Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDB182-GTRB Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PDB182-GTRB Datasheet HTML 1Page - Bourns Electronic Solutions PDB182-GTRB Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Carbon element
Plain or knurled shaft option
Metal bushing/metal shaft
Center detent standard
Rear solder lugs or PC pins
250K and 500K standard resistance values
Standard M and N taper
RoHS compliant*
PDB182-GTRB - 17 mm Blend-Balance Guitar Potentiometer
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Taper...................................... Linear, audio
Standard Resistance Range
............................... 250K to 500K ohms
Standard Resistance Tolerance....... ±20 %
Residual Resistance ................... 1 % max.
Environmental Characteristics
Operating Temperature.... -10 °C to +50 °C
Power Rating
Dual Section ............................ 0.06 watt
Maximum Operating Voltage
Audio .............................................150 V
Sliding Noise ...........................47 mV max.
Mechanical Characteristics
Mechanical Angle .......................300 ° ±5 °
Rotational Torque ............. 10 to 150 gf-cm
Detent Torque ................... 50 to 300 gf-cm
Stop Strength ........................5 kg-cm min.
Rotational Life ......................15,000 cycles
Soldering Condition
Manual/Wave
........... 260 °C max. for 3 seconds max.
Wash.........................Not recommended
Hardware ....................One flat washer and
mounting nut supplied per
potentiometer with bushing
Product Dimensions
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
250,000
254
500,000
504
How to Order
PDB18 2 - GTR B1 - 254 MN
Model
Number of Sections
2 = Dual Section
Guitar Pot Designator
Configuration
B1 = Knurled Shaft/Solder Lugs/
Center Detent
B2 = Plain Shaft/Solder Lugs/
Center Detent
B3 = Knurled Shaft/PC Pins/
Center Detent
B4 = Plain Shaft/PC Pins/
Center Detent
Resistance Code (See Table)
Resistance Taper (See Taper Chart)
UNDER
=
10.0
(.394)
TOLERANCES:
±0.3
(±.012)
=
10.0 ~ 100
(.394 ~ 3.937)
±0.5
(±.020)
PDB182-GTRB1,
PDB182-GTRB2
3/8”NEF
R2
R1
18 TEETH
C0.5
PLAIN
SHAFT
6.00
(.236)
DIA.
KNURLED
SHAFT
6.00
(.236)
DIA.
1.0
(.039)
1.5
(.059)
6.0
(.236)
9.5
(.374)
19.0
(.748)
11.3
(.445)
14.8
(.583)
7.7
(.303)
2.5
(.098)
1.5
(.059)
DIA.
FULL CW
30 °±10 °
1
2
3
17.0
(.669)
13.00
(.512)
13.00
(.512)
3.0
(.118)
5.0
(.197)
5.0
(.197)
NUT
WASHER
11.0 ± 0.5
(.433 ± .020
12.0 ± 0.5
(.472 ± .020)
DIA.
DIA.
2.3 ± 0.2
(.091 ± .008)
3/8”NEF
9.7 ± 0.3
(.382 ± .012)
R2
R1
3/8”NEF
18 TEETH
C0.5
KNURLED
SHAFT
6.0
(.236)
DIA.
1.0
(.039)
16.2
(.638)
5.0
(.197)
PDB182-GTRB3,
PDB182-GTRB4
6.0
(.236)
9.5
(.374)
19.0
(.748)
11.3
(.445)
1.5
(.059)
11.5
(.453)
16.5
(.650)
1.0
(0.39)
5.0
(.197)
3.5
(.138)
DIA.
FULL
CW
POSITION
17.0
(.669)
30 °±10 °
12
3
5.0
(.197)
5.0
(.197)


Similar Part No. - PDB182-GTRB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
   17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18 Datasheet
583Kb / 5P
   17 mm Rotary Potentiometer
PDB181-A218P-103A1 BOURNS-PDB181-A218P-103A1 Datasheet
583Kb / 5P
   17 mm Rotary Potentiometer
PDB181-A220P-103A1 BOURNS-PDB181-A220P-103A1 Datasheet
583Kb / 5P
   17 mm Rotary Potentiometer
PDB181-A225P-103A1 BOURNS-PDB181-A225P-103A1 Datasheet
583Kb / 5P
   17 mm Rotary Potentiometer
More results

Similar Description - PDB182-GTRB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
   17 mm Guitar Potentiometer
PDB181-GTR BOURNS-PDB181-GTR Datasheet
360Kb / 2P
   PDB181-GTR Series - 17 mm Guitar Potentiometer
PDB185-GTR BOURNS-PDB185-GTR Datasheet
665Kb / 4P
   17 mm Guitar Potentiometer w/Latching-Push Switch
PDB183-GTR BOURNS-PDB183-GTR Datasheet
507Kb / 4P
   17 mm Guitar Potentiometer w/Push-Pull Switch
PDB241-GTR BOURNS-PDB241-GTR_13 Datasheet
282Kb / 2P
   24 mm Guitar Potentiometer
PDB241-GTR BOURNS-PDB241-GTR Datasheet
299Kb / 2P
   PDB241-GTR Series - 24 mm Guitar Potentiometer
H-1201 BOURNS-H-1201 Datasheet
299Kb / 2P
   PDB241-GTR Series - 24 mm Guitar Potentiometer
PDB241-GNL BOURNS-PDB241-GNL_13 Datasheet
242Kb / 2P
   ?쏯o-Load??Guitar Potentiometer
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
   17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
   17 mm Rotary Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com