Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLS-100 Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

Part # FLS-100
Description  LOW PASS FILTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

FLS-100 Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  FLS-100 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION FLS-100 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION FLS-100 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fc = 100 MHz
CUT-OFF FREQUENCY
LOW PASS FILTER
SURFACE MOUNT MODEL:
FLS-100
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
[ 2 of 3 ]
0
10
20
30
40
50
60
70
0
25
50
75
100
125
150
175
200
225
250
275
300
Frequency (MHz)
0
5
10
15
20
25
30
35
40
45
50
0
9.2
18.4
27.6
36.8
46
55.2
64.4
73.6
82.8
92
Frequency (MHz)
S11 IN R.L
S22 OUT R.L


Similar Part No. - FLS-100

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FLS-1100 SYNERGY-FLS-1100 Datasheet
232Kb / 3P
   LOW PASS FILTER
FLS-12 SYNERGY-FLS-12 Datasheet
231Kb / 3P
   LOW PASS FILTER
FLS-154 SYNERGY-FLS-154 Datasheet
403Kb / 3P
   LOW PASS filter
More results

Similar Description - FLS-100

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
   Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
   Low Pass Filter
SCLF-420 MINI-SCLF-420 Datasheet
327Kb / 1P
   Low Pass Filter
SCLF-550 MINI-SCLF-550 Datasheet
334Kb / 1P
   Low Pass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com