Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCP-04 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LCP-04
Description  Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LCP-04 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LCP-04 Datasheet HTML 1Page - List of Unclassifed Manufacturers LCP-04 Datasheet HTML 2Page - List of Unclassifed Manufacturers LCP-04 Datasheet HTML 3Page - List of Unclassifed Manufacturers LCP-04 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
162
LC CONNECTOR
Shrouded header –––––––––––––––––––––––––––––––––––––––––––––––––––––––––
2
3
41
25.6(1.008)
23.6(.929)
15.24(.600)
4.18(.165)
5.08
(.200)
1.3(.051)
11.5(.453)
0.35
(.014)
11.5(.453)
0.35
(.014)
2
3
41
25.6(1.008)
23.6(.929)
15.24(.600)
4.18(.165)
5.08(.200)
11.5(.453)
4.6(.181)
Model No.
Q’ty / box
Material and Finish
LC-04T
Contact: Brass, copper-undercoated, tin-plated
Housing: Nylon 66, UL94V-0, natural (white)
100
Model No.
Q’ty / box
Material and Finish
Shape
A
B
LC-04A
LC-04B
Contact: Brass, copper-undercoated, tin-plated
Housing: Nylon 66, UL94V-0, natural (white)
100
Top entry type
Side entry type
Shape A
Shape B
Top entry type
Side entry type
Housing clamp –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
23.8(.937)
4.1(.161)
2.0(.079)
Model No.
Q’ty / box
Material and Finish
LCC-04
Brass, copper-undercoated, tin-plated
500


Similar Part No. - LCP-04

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCP-1250A4FDR DELTA-LCP-1250A4FDR Datasheet
256Kb / 14P
   RoHS Compliant Multimode SFP Transceiver for GbE and Fiber Channel
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250A4QSRA DELTA-LCP-1250A4QSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250B4FSRA DELTA-LCP-1250B4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250B4MDR DELTA-LCP-1250B4MDR Datasheet
247Kb / 13P
   RoHS Compliant Single Mode SFP Transceiver for GbE and Fiber Channel
More results

Similar Description - LCP-04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com