Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFHP8321TRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFHP8321TRPBF
Description  101 North Sepulveda Boulevard, El Segundo, California, 90245, USA Telephone 1 310 726 8000
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHP8321TRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRFHP8321TRPBF Datasheet HTML 1Page - International Rectifier IRFHP8321TRPBF Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
101 North Sepulveda Boulevard, El Segundo, California, 90245, USA Telephone: +1 310 726 8000 www.irf.com 2
*International Rectifier makes no guarantee regarding quantities available for last-time-buys. Actual quantities and pricing will be negotiated on a
case-by-case basis. The “last time buy” is the last date IR will accept new orders for these materials. The “last scheduled shipment” is the date IR will
attempt to fulfill all final orders, however, IR makes no guarantee that all quantities will be shipped by this date due to unforeseen supply
constraints and/or acts of nature, etc. The “final returns date” applies to those materials which IR currently accepts returns per IR policy or your
specific customer contract. Returns of any IR materials from this notification are subject to the existing IR return policies and your specific Customer
T&C Contract, where applicable. All returns must be made in multiples of the standard Delivery Unit. Any material identified as “NCNR = Non-
Cancellable, Non-Returnable” is exempt from this return period. No returns, including stock rotations, will be accepted after the Final Returns Date.
Contact Information:
Contact
Name
Phone
Email
PCN Coordinator
John Michaelson
951 375-4432
Jmichae2@irf.com
EOL Business Manager
Miriam Heath
951 375-4110
mheath1@irf.com
Business Mgmt
Eddie Yick
951-375-2221
eyick1@irf.com
Business Unit
Lit Lam
951 375-6016
llam1@irf.com


Similar Part No. - IRFHP8321TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH3702PBF IRF-IRFH3702PBF Datasheet
265Kb / 10P
   HEXFET Power MOSFET
IRFH3702PBF IRF-IRFH3702PBF Datasheet
280Kb / 10P
   HEXFET Power MOSFET
IRFH3702PBF IRF-IRFH3702PBF Datasheet
280Kb / 10P
   Synchronous Buck Converter for Computer Processor Power
IRFH3702PBF IRF-IRFH3702PBF_10 Datasheet
280Kb / 10P
   HEXFET Power MOSFET
IRFH3702PBF IRF-IRFH3702PBF_15 Datasheet
280Kb / 10P
   Synchronous Buck Converter for Computer Processor Power
More results

Similar Description - IRFHP8321TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRISMPS3 IRF-IRISMPS3 Datasheet
318Kb / 15P
   International Rectifier 짰233 Kansas Street El Segundo CA 90245 USA
logo
Molex Electronics Ltd.
0936040013 MOLEX1-0936040013 Datasheet
41Kb / 1P
   GWconnect Enclosure, Die-cast Aluminum, S-8000 Series, with External Mounting Flanges, 101 x 101 x 58mm Outside Dimensions, Black RAL 9005
0936040012 MOLEX1-0936040012 Datasheet
41Kb / 1P
   GWconnect Enclosure, Die-cast Aluminum, S-8000 Series, with External Mounting Flanges, 101 x 101 x 58mm Outside Dimensions, Grey RAL 9006
logo
Hittite Microwave Corpo...
HMC602LP4 HITTITE-HMC602LP4 Datasheet
626Kb / 10P
   70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
HMC602LP4 HITTITE-HMC602LP4_09 Datasheet
364Kb / 8P
   70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
logo
3M Electronics
30803 3M-30803 Datasheet
71Kb / 4P
   3M??Trizact??8000
logo
Seiko Instruments Inc
S-7292AF SII-S-7292AF Datasheet
193Kb / 3P
   1-chip MICROCOMPUTER FOR TELEPHONE SET
logo
PHOENIX CONTACT
1071048 PHOENIX-1071048 Datasheet
436Kb / 13P
   SPTAF 1/ 4-5,0-EL-EX
logo
Cooper Bussmann, Inc.
S-8301-5 COOPER-S-8301-5 Datasheet
120Kb / 2P
   S-8000 Series
logo
List of Unclassifed Man...
AA8381HS-AW ETC2-AA8381HS-AW Datasheet
14Kb / 1P
   ADDA USA AC FAN SPECIFICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com