Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2726 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SK2726
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2726 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SK2726 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2726 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2726 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2726 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2726 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2726 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2726 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2726 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2726 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SK2726
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
500
V
Gate to source voltage
V
GSS
±30
V
Drain current
I
D
7A
Drain peak current
I
D(pulse)*
1
28
A
Body to drain diode reverse drain current
I
DR
7A
Avalanche current
I
AP*
3
7A
Avalanche energy
E
AR*
3
2.7
mJ
Channel dissipation
Pch*
2
30
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10µs, duty cycle ≤ 1 %
2. Value at Tc = 25
°C
3. Value at Tch = 25
°C, Rg ≥ 50Ω


Similar Part No. - 2SK2726

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK2726 ISC-2SK2726 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2726 RENESAS-2SK2726 Datasheet
216Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
Sep 07, 2005
2SK2726-E RENESAS-2SK2726-E Datasheet
216Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
Sep 07, 2005
More results

Similar Description - 2SK2726

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com