Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK2554 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. 2SK2554
Description  Silicon N-Channel MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2554 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SK2554 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2554 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SK2554
5
0.5
0.4
0.3
0.2
0.1
0
Gate to Source Voltage
V
(V)
GS
Pulse Test
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
24
6
810
I
= 50 A
D
20 A
10 A
Drain Current
I
(A)
D
Static Drain to Source on State Resistance
vs. Drain Current
1
10
100
1000
3
30
300
0.5
0.2
0.1
0.02
0.05
0.01
0.002
0.005
0.001
0.0005
Pulse Test
V
= 4 V
GS
10 V
0.02
0.016
0.012
0.008
0.004
–40
0
40
80
120
160
Case Temperature
Tc
(°C)
0
Pulse Test
Static Drain to Source on State Resistance
vs. Temperature
I
= 50 A
D
V
= 4 V
GS
10 V
10, 20 A
10, 20, 50 A
0.1
Drain Current I
(A)
D
Forward Transfer Admittance vs.
Drain Current
0.3
1
3
10
30
100
DS
V
= 10 V
Pulse Test
500
100
200
20
50
10
2
5
1
0.5
25 °C
Tc = –25 °C
75 °C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
2SK657 Silicon N-Channel MOS FET 1  2  Panasonic Semiconductor
2SK1298 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
2SK1336 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
2SK1526 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
2SK1647 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
2SK1807 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
2SK1968 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
2SK2203 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
3SK297 Silicon N-Channel Dual Gate MOS FET 1  2  3  4  5  More Hitachi Semiconductor
4AK22 Silicon N-Channel Power MOS FET Array 1  2  3  4  5  More Hitachi Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn