Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2529 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SK2529
Description  Silicon N-Channel MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2529 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SK2529 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2529 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2529 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2529 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2529 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2529 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2529 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2529 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2529 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SK2529
4
40
30
20
10
0
50
100
150
200
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
500
200
100
20
50
10
2
5
1
0.5
0.1
0.3
1
3
10
30
100
Operation in
this area is
limited by R DS(on)
Ta = 25 °C
10
µs
1 ms
PW
=
10
ms
(1shot)
100
80
60
40
20
0
Drain to Source Voltage
V
(V)
DS
Pulse Test
3.5 V
4 V
Typical Output Characteristics
5 V
10 V
3 V
V
= 2.5 V
GS
2
468
10
6 V
100
80
60
40
20
0
Gate to Source Voltage
V
(V)
GS
V
= 10 V
Pulse Test
DS
Typical Transfer Characteristics
Tc = 75°C
25°C
–25°C
12
34
5


Similar Part No. - 2SK2529

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2529 RENESAS-2SK2529 Datasheet
89Kb / 8P
   Silicon N Channel MOS FET
logo
VBsemi Electronics Co.,...
2SK2529 VBSEMI-2SK2529 Datasheet
986Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK2529 ISC-2SK2529 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2529-E RENESAS-2SK2529-E Datasheet
89Kb / 8P
   Silicon N Channel MOS FET
More results

Similar Description - 2SK2529

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com