Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCPH100125-10 Datasheet(PDF) 8 Page - SYNERGY MICROWAVE CORPORATION

Part # FCPH100125-10
Description  SELECTABLE FREQUENCY SYNTHESIZER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

FCPH100125-10 Datasheet(HTML) 8 Page - SYNERGY MICROWAVE CORPORATION

  FCPH100125-10 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION FCPH100125-10 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION FCPH100125-10 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION FCPH100125-10 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION FCPH100125-10 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION FCPH100125-10 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION FCPH100125-10 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION FCPH100125-10 Datasheet HTML 8Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SELECTABLE FREQUENCY SYNTHESIZER
SURFACE MOUNT MODEL: FCPH100125-10
1000 - 1250 MHz
optimized bandwidth
This product is manufactured under one or more of the following patents. Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575;
7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642; 7,292,113; 7,365,612; 7,495,525; 2,548,311; 2,548,317; 7,545,229; 7,580,693; 7,586,381; 7,605,670; 7,636,021; 2,533,623
| Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 &
60/710310; 10/937525/60/736901; 60/732787; 7,495,525; 2,548,311; 2,548,317; 7,545,229; 2,563,174; 7,580,693; 7,612,296; 2,524,751
Copyright © Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 USA • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
[ 8 of 8 ]
ReFeRenCe Sideband SUppReSSion
A
Ref 10 dBm
Att 30 dB
*
Center 1.25 GHz
Span 30 MHz
3 MHz/
*
*
RBW 1 kHz
VBW 10 kHz
SWT 30 s
*
1 AP
VIEW
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1
Marker 1 [T1 ]
8.96 dBm
1.250000000 GHz
2
Delta 2 [T1 ]
-93.06 dB
-10.000000000 MHz
3
Delta 3 [T1 ]
-93.95 dB
10.000000000 MHz
Date: 3.APR.2007 17:28:17


Similar Part No. - FCPH100125-10

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FCPH100120-15 SYNERGY-FCPH100120-15 Datasheet
340Kb / 8P
   SELECTABLE FREQUENCY SYNTHESIZER
More results

Similar Description - FCPH100125-10

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FCPL1215-25 SYNERGY-FCPL1215-25 Datasheet
447Kb / 6P
   Selectable frequency SYNTHESIZER
FCPL65120-10 SYNERGY-FCPL65120-10 Datasheet
427Kb / 8P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPL3644-26 SYNERGY-FCPL3644-26 Datasheet
419Kb / 8P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPH243290-10 SYNERGY-FCPH243290-10 Datasheet
281Kb / 4P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPL-70 SYNERGY-FCPL-70 Datasheet
460Kb / 3P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPL1114-5 SYNERGY-FCPL1114-5 Datasheet
466Kb / 3P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPL3239-10 SYNERGY-FCPL3239-10 Datasheet
517Kb / 3P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPH243250-100 SYNERGY-FCPH243250-100 Datasheet
775Kb / 7P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPH225375-10 SYNERGY-FCPH225375-10 Datasheet
578Kb / 6P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPL511-10 SYNERGY-FCPL511-10 Datasheet
459Kb / 8P
   Selectable frequency SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com