Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCPH100120-15 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # FCPH100120-15
Description  SELECTABLE FREQUENCY SYNTHESIZER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

FCPH100120-15 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  FCPH100120-15 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION FCPH100120-15 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION FCPH100120-15 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION FCPH100120-15 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION FCPH100120-15 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION FCPH100120-15 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION FCPH100120-15 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION FCPH100120-15 Datasheet HTML 8Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SELECTABLE FREQUENCY SYNTHESIZER
SURFACE MOUNT MODEL: FCPH100120-15
1000 - 1250 MHz
OPTIMIZED BANDWIDTH
Copyright © Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 USA
Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • Website: http://www.synergymwave.com
Patents : http://www.synergymwave.com/patents
[ 1 of 8 ]
FEATURES:
Exceptionally Low Phase Noise
No Programming Required
Lead Free - RoHS Compliant
Patented REL-PRO® Technology
Small Size, Surface Mount
Buffered Output
Phase Noise
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
100
1000
10000
100000
1000000
10000000 100000000
Offset Frequency (Hz)
1000 MHz
1078 MHz
1200 MHz
SPECIFICATIONS (Rev. E 10/31/11)
Frequency
1000 - 1250 MHz
Reference Input Frequency
15 MHz
Reference Input Voltage
1.0 V p-p to 3.3 V p-p
Bias Voltage
Vcc
V (Vdc)
I (mA Max.)
Vcc 1 (Digital)
+5
15
Vcc 2 (Vtune)
+5
10
Vcc 3 (VCO)
+5
60
Lock Detect Indicator
CMOS 3.3 V
Output Power
+8 dBm (Min.)
Spurious Suppression
75 dB (Typ.)
Harmonic Suppression
10 dB (Typ.)
Power Up Time
90 mSec (Typ.) 1
Output Impedance
50 Ohms (Nom.)
Typical Phase Noise
Offset
Phase Noise
@ 1 kHz
-96 dBc/Hz
@ 10 kHz
-93 dBc/Hz
@ 100 kHz
-113 dBc/Hz
Operating Temperature
Range
-40 to +85 °C
1
From stable power on to stable lock detect.
Binary Frequency Selection Table
D3
D2
D1
D0
Freq. (MHz)
0
0
0
0
1000
0
0
0
1
--
0
0
1
0
--
0
0
1
1
--
0
1
0
0
1057.5
0
1
0
1
--
0
1
1
0
1078
0
1
1
1
1100
1
0
0
0
--
1
0
0
1
--
1
0
1
0
1167.5
1
0
1
1
1188
1
1
0
0
--
1
1
0
1
--
1
1
1
0
--
1
1
1
1
1200
* Voltage levels: 0V or gnd. / +5V or open.
Absolute Maximum Ratings
Storage Temp. Range
-55 to +125 ºC
Bias Voltage (Digital)
+5.25 V
Bias Voltage (Tune)
+16 V
Bias Voltage (VCO)
+5.5 V
DC Voltage Applied to RF Out
± 25 V


Similar Part No. - FCPH100120-15

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FCPH100125-10 SYNERGY-FCPH100125-10 Datasheet
511Kb / 8P
   SELECTABLE FREQUENCY SYNTHESIZER
More results

Similar Description - FCPH100120-15

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FCPL1215-25 SYNERGY-FCPL1215-25 Datasheet
447Kb / 6P
   Selectable frequency SYNTHESIZER
FCPL65120-10 SYNERGY-FCPL65120-10 Datasheet
427Kb / 8P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPL3644-26 SYNERGY-FCPL3644-26 Datasheet
419Kb / 8P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPH243290-10 SYNERGY-FCPH243290-10 Datasheet
281Kb / 4P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPL-70 SYNERGY-FCPL-70 Datasheet
460Kb / 3P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPL1114-5 SYNERGY-FCPL1114-5 Datasheet
466Kb / 3P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPH100125-10 SYNERGY-FCPH100125-10 Datasheet
511Kb / 8P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPL3239-10 SYNERGY-FCPL3239-10 Datasheet
517Kb / 3P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPH243250-100 SYNERGY-FCPH243250-100 Datasheet
775Kb / 7P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPH225375-10 SYNERGY-FCPH225375-10 Datasheet
578Kb / 6P
   SELECTABLE FREQUENCY SYNTHESIZER
FCPL511-10 SYNERGY-FCPL511-10 Datasheet
459Kb / 8P
   Selectable frequency SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com