Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK213 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SK213
Description  Silicon N-Channel MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK213 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SK213 Datasheet HTML 1Page - Hitachi Semiconductor 2SK213 Datasheet HTML 2Page - Hitachi Semiconductor 2SK213 Datasheet HTML 3Page - Hitachi Semiconductor 2SK213 Datasheet HTML 4Page - Hitachi Semiconductor 2SK213 Datasheet HTML 5Page - Hitachi Semiconductor 2SK213 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK213, 2SK214, 2SK215, 2SK216
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
2SK213
V
DSX
140
V
2SK214
160
2SK215
180
2SK216
200
Gate to source voltage
V
GSS
±15
V
Drain current
I
D
500
mA
Body to drain diode reverse drain current
I
DR
500
mA
Channel dissipation
Pch
1.75
W
Pch*
1
30
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–45 to +150
°C
Note:
1. Value at T
C =
25
°C
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source
2SK213
V
(BR)DSX
140
V
I
D = 1 mA, VGS = –2 V
breakdown voltage
2SK214
160
V
2SK215
180
V
2SK216
200
V
Gate to source breakdown
voltag
V
(BR)GSS
±15
——V
I
G = ±10 µA, VDS = 0
Gate to source voltage
V
GS(on)
0.2
1.5
V
I
D = 10 mA, VDS = 10 V *
1
Drain to source saturation
voltage
V
DS(sat)
2.0
V
I
D = 10 mA, VGD = 0 *
1
Forward transfer admittance
|y
fs|
2040—
mS
I
D = 10 mA, VDS = 20 V *
1
Input capacitance
Ciss
90
pF
I
D = 10 mA, VDS = 10 V,
Reverse transfer capacitance
Crss
2.2
pF
f = 1 MHz
Note:
1. Pulse test


Similar Part No. - 2SK213

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK213 RENESAS-2SK213 Datasheet
65Kb / 6P
   Silicon N Channel MOS FET
2SK213-E RENESAS-2SK213-E Datasheet
65Kb / 6P
   Silicon N Channel MOS FET
logo
Panasonic Semiconductor
2SK2130 PANASONIC-2SK2130 Datasheet
44Kb / 3P
   Silicon N-Channel Power F-MOS FET
logo
Inchange Semiconductor ...
2SK2130 ISC-2SK2130 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
NEC
2SK2131 NEC-2SK2131 Datasheet
379Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE?
More results

Similar Description - 2SK213

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com