Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRO1024 Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

Part # DRO1024
Description  DIELECTRIC RESONATOR OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DRO1024 Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  DRO1024 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION DRO1024 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION DRO1024 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION DRO1024 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
10.24 GHz
DIELECTRIC RESONATOR OSCILLATOR
CONNECTORIZED MODEL:
DRO1024
FREQUENCY
Copyright © Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 USA
Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • Website: http://www.synergymwave.com
Patents : http://www.synergymwave.com/patents
[ 2 of 4 ]
10.237
10.238
10.239
10.240
10.241
10.242
10.243
10.244
10.245
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Control Voltage (Vdc)
+25ºC
+75ºC
-15ºC
0
1
2
3
4
5
6
7
8
9
10
11
12
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Control Voltage (Vdc)
+25ºC
+75ºC
-15ºC


Similar Part No. - DRO1024

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DRO100 SYNERGY-DRO100 Datasheet
274Kb / 4P
   DIELECTRIC RESONATOR OSCILLATOR
logo
Z-Communications, Inc
DRO10000A ZCOMM-DRO10000A Datasheet
27Kb / 1P
   Dielectric Resonator Oscillator
DRO10000A ZCOMM-DRO10000A Datasheet
190Kb / 2P
   Voltage-Controlled Oscillator
DRO10000A ZCOMM-DRO10000A Datasheet
140Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
DRO10000A ZCOMM-DRO10000A_14 Datasheet
140Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
More results

Similar Description - DRO1024

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
518038 APITECH-518038 Datasheet
179Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
515106 APITECH-515106 Datasheet
183Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
514060 APITECH-514060 Datasheet
178Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
514057 APITECH-514057 Datasheet
178Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
logo
Spectrum Microwave, Inc...
518038 SPECTRUM-518038 Datasheet
67Kb / 1P
   DIELECTRIC RESONATOR OSCILLATOR
MDR2100-18500 SPECTRUM-MDR2100-18500 Datasheet
109Kb / 1P
   Dielectric Resonator Oscillator
MDR5100 SPECTRUM-MDR5100 Datasheet
189Kb / 1P
   Dielectric Resonator Oscillator
MDR2100-5500 SPECTRUM-MDR2100-5500 Datasheet
109Kb / 1P
   Dielectric Resonator Oscillator
logo
SYNERGY MICROWAVE CORPO...
DRO80 SYNERGY-DRO80 Datasheet
417Kb / 3P
   DIELECTRIC RESONATOR OSCILLATOR
SDRO1000-8 SYNERGY-SDRO1000-8 Datasheet
285Kb / 4P
   DIELECTRIC RESONATOR OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com