Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC-3 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MPC-3
Description  MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MPC-3 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MPC-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers MPC-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers MPC-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers MPC-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers MPC-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers MPC-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers MPC-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers MPC-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers MPC-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
21
Specifications
www.specotech.com • 1-800-645-5516
Indoor/OutdoorSpeakers
WirelessMicrophones
MWLP-UHF
• FCC Compliant • 128 Frequency-selectable for interference free usage
• Frequency Range: 740-752MHz • Uni-directional, electret condenser lapel microphone
• Mini XLR connection to lapel microphone cord • Belt clip for fastening
• LCD display with channel and battery life readings • Gain control dial
• Ability to be recharged with MWR-100/200UHF receivers • Dimensions: 2.5” W x 4” H x 1” D
PROFESSIONAL UHF FREQUENCY-SELECTABLE PLL LAPEL MICROPHONE
Specifications
• FCC Compliant • 128 Frequency-selectable for interference-free usage
• Frequency Range: 740-752MHz • Uni-directional, electret condenser handheld microphone
• LCD display with channel and battery life readings
• Ability to be recharge with MWR-100/200UHF receivers • Dimensions: 2.5” W x 11” H
PROFESSIONAL UHF FREQUENCY-SELECTABLE PLL HANDHELD MICROPHONE
Power Output. . . . . . . . . . . . 10mW (max.)
Oscillator. . . . . . . . . . . . . . . . PLL synthesized
Frequency Stability . . . . . . . ±0.005%
Maximum Deviation . . . . . . ±48KHz with limiting compressor
Spurious Emission . . . . . . . . >60dB below carrier frequency
Power Output . . . . . . . . . 10mW (max.)
Oscillator . . . . . . . . . . . . . PLL synthesized
Frequency Stability . . . . . ±0.005%
Maximum Deviation . . . . ±48KHz with limiting compressor
Spurious Emission . . . . . . >60dB below carrier frequency
T.H.D. . . . . . . . . . . . . . . . . <1.0% (at 1KHz)
Power Supply . . . . . . . . . . DC1.5V x 2AA rechargeable or dry batteries
Tone Key . . . . . . . . . . . . . . 32.768KHz
Mic Unit . . . . . . . . . . . . . . Uni-directional electret condenser unit
Current Consumption . . 115mA ± 10mA
• Cardioid, electret condenser microphone • Uni-directional
• Sensitivity -67+/- 4dB (0dB=1V/ µbar, 1kHz)
• Impedance: 600 ohms • Frequency range: 100-16,000Hz
• Max. operation voltage: 10V DC • Standard operation voltage: 1.5V DC
• Current consumption: Max. 0.5mA • Sensitivity reduction: Within -3dB at 1V
• S/N Ratio: > 40dB • Weight: 2 oz. • Cord Length: 3 ft. • Wind Screen Included
PROFESSIONAL LIGHTWEIGHT CONDENSER HEADSET MICROPHONE
T.H.D. . . . . . . . . . . . . . . . . . . . <1.0% (at 1KHz)
Power Supply . . . . . . . . . . . . DC1.5V x 2AA rechargeable or dry batteries
Tone Key . . . . . . . . . . . . . . . . 32.768KHz
Mic Unit. . . . . . . . . . . . . . . . . Uni-directional electret condenser unit
Current Consumption . . . . . 115mA ± 10mA
Receivers and wireless mic transmitters must be ordered separately
MW-HSLC
MWHH-UHF
UHF 128 Frequency-Selectable, PLL Microphone Line
Speco Technologies’ UHF 128 Frequency-Selectable Microphone Line consists of handheld, lapel microphone transmitters, and single or
dual channel receivers. They allow the user to select and match a desired frequency on both the transmitter and receiver units. This
feature also eliminates the need to maintain high inventory levels of similar units with locked frequencies. More choices of clear
interference-free channels is the result.
Complete with LCD programmable displays and pushbutton select controls, this state-of-the-art UHF microphone system will provide
crystal clear sound for roaming distances in excess of 300 feet. Speco Technologies new UHF Microphone System continues our
heritage of producing products with attractive price points, feature-rich specifications and the quality of performance that our
customers have come to expect.


Similar Part No. - MPC-3

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
MPC-2070 MOXA-MPC-2070 Datasheet
1Mb / 5P
   7-inch industrial fanless panel computers
MPC-2070-E2-LB-T MOXA-MPC-2070-E2-LB-T Datasheet
1Mb / 5P
   7-inch industrial fanless panel computers
MPC-2070-E2-LB-T-W7E MOXA-MPC-2070-E2-LB-T-W7E Datasheet
1Mb / 5P
   7-inch industrial fanless panel computers
MPC-2070-E2-T MOXA-MPC-2070-E2-T Datasheet
1Mb / 5P
   7-inch industrial fanless panel computers
MPC-2070-E2-T-W7E MOXA-MPC-2070-E2-T-W7E Datasheet
1Mb / 5P
   7-inch industrial fanless panel computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com