Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBC10C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RBC10C
Description  Absorbing impact and noise
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RBC10C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RBC10C Datasheet HTML 1Page - List of Unclassifed Manufacturers RBC10C Datasheet HTML 2Page - List of Unclassifed Manufacturers RBC10C Datasheet HTML 3Page - List of Unclassifed Manufacturers RBC10C Datasheet HTML 4Page - List of Unclassifed Manufacturers RBC10C Datasheet HTML 5Page - List of Unclassifed Manufacturers RBC10C Datasheet HTML 6Page - List of Unclassifed Manufacturers RBC10C Datasheet HTML 7Page - List of Unclassifed Manufacturers RBC10C Datasheet HTML 8Page - List of Unclassifed Manufacturers RBC10C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RB
06 04
Specifications
RB0805
RBC0805
0.98
5
80
245
1.96
3.83
15
16
RB0806
RBC0806
2.94
6
80
245
1.96
4.22
15
16
RB1006
RBC1006
3.92
6
70
422
4.22
6.18
23
25
RB1007
RBC1007
5.88
7
70
422
4.22
6.86
23
25
RB1411
RBC1411
14.7
11
45
814
6.86
15.30
65
70
RB1412
RBC1412
19.6
12
45
814
6.86
15.98
65
70
RB2015
RBC2015
58.8
M20 x 1.5
15
25
1961
8.34
20.50
150
165
RB2725
RBC2725
147
M27 x 1.5
25
10
2942
8.83
20.01
350
400
0.05 to 5.0
–10 to 80 (No freezing)
Basic type
With cap
Extended
Retracted
Basic type
With cap
Spring force
(N)
Mass (g)
Max. energy absorption (J)
Note 1)
Thread O.D. size
Stroke (mm)
Max. corresponding mass
of impacting object (1) (kg)
Collision speed (m/s)
Max. operating frequency (2)
(cycle/min)
Max. allowable thrust (N)
Ambient temperature range (
°C)
Model
Specifications
RB
RBC
C
C 14 12
08
Shock absorber
Type
Nil
C
Basic type
With cap
Applicable model
Nil
S
J
None
With stopper nut
Add’l 1 hex. nut (Total: 3 pcs.
∗)
Option
O.D thread—Stroke
Replacement part no./Cap (Resin part only)
Cap
Cap cannot be mounted for basic type. Please place an order with cap type from the beginning.
08
10
14
RBC0805, 0806
RBC1006, 1007
RBC1411, 1412
20
27
RBC2015
RBC2725
M14 x 1.5
M10 x 1.0
M8 x 1.0
0.5
M6 x 0.75
4
3
0.3 to 1.0
80
150
3.05
5.59
5.5
RB0604
1677
Shock Absorber
Series
RB
∗ 2 mounting hexagon nuts are
attached as standard.
Basic type
With cap
Note 1) The maximum energy absorption, the maximum corresponding mass of impacting object and
maximum operating frequency are measured at room temperature (20 to 25
°C).
Note 2) It denotes the values at the maximum energy absorption per one cycle.
Max. operating frequency can increase in proportion to energy absorption.
How to Order
RB
Individual
-X
„
D-
„
-X
„
P1673-P1718-E.qxd
08.11.17 4:02 PM
Page 1677


Similar Part No. - RBC10C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBC1006 ETC2-RBC1006 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
RBC1007 ETC2-RBC1007 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
More results

Similar Description - RBC10C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GVD-1016-40 ETC2-GVD-1016-40 Datasheet
231Kb / 2P
   Vibration and shock absorbing Dampers
logo
T-Global Technology
TG-FAM TGLOBAL-TG-FAM Datasheet
864Kb / 4P
   Flexible Absorbing Material
20230721
logo
NXP Semiconductors
SAA7346 PHILIPS-SAA7346 Datasheet
113Kb / 24P
   Shock absorbing RAM addresser
July 1994
logo
JIEJIE MICROELECTRONICS...
CP1101SB JIEJIE-CP1101SB Datasheet
224Kb / 5P
   Excellent capability of absorbing transient surge
P0080BE JIEJIE-P0080BE Datasheet
223Kb / 5P
   Excellent capability of absorbing transient surge
logo
Shanghai Leiditech Elec...
LP1301SB LEIDITECH-LP1301SB Datasheet
497Kb / 4P
   Excellent capability of absorbing transient surge
P4000SC LEIDITECH-P4000SC Datasheet
281Kb / 3P
   Excellent xapability of absorbing transient surge
logo
JIEJIE MICROELECTRONICS...
P0080SC JIEJIE-P0080SC Datasheet
240Kb / 5P
   Excellent capability of absorbing transient surge
P0300AMBS JIEJIE-P0300AMBS Datasheet
196Kb / 4P
   Excellent capability of absorbing transient surge
P0080SD JIEJIE-P0080SD Datasheet
235Kb / 5P
   Excellent capability of absorbing transient surge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com