Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PY1102W-TR Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # PY1102W-TR
Description  Single Color 3216 Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

PY1102W-TR Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  PY1102W-TR Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. PY1102W-TR Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. PY1102W-TR Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. PY1102W-TR Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. PY1102W-TR Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. PY1102W-TR Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. PY1102W-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. PY1102W-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. PY1102W-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Color and Luminous Intensity
Page 2
TYP.
IF
MIN.
TYP.
IF
BG1102W
Gap
Green
558
20
1.8
4.8
20
PG1102W
Gap
Green
567
20
6
12
20
PY1102W
Gap
Yellow
Green
572
20
12
24
20
AY1102W
GaAsP
Ye llo w
590
20
3
6
20
AA1102W
GaAsP
Orange
606
20
5
9
20
BR1102W
GaAlAs
Red
647
20
12
33.6
20
Iv (mcd)
Lens
Color
Luminous Intensity
Dominant
Wavelength
λd (nm)
Part No.
Material
Emitted
Color
Water
Clear
2004.10.29
Single Color 3216 Type
1102W Series
(Ta=25℃)


Similar Part No. - PY1102W-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PY1102W STANLEY-PY1102W Datasheet
679Kb / 21P
   Outer Dimension 3.0 x 1.5 x 1.5mm
PY1102W STANLEY-PY1102W Datasheet
724Kb / 21P
   Single Color 3216 Type
More results

Similar Description - PY1102W-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BR1101W-TR STANLEY-BR1101W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
PY1101W-TR STANLEY-PY1101W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
AA1102W-TR STANLEY-AA1102W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
BG1111R STANLEY-BG1111R Datasheet
441Kb / 21P
   Single Color 3216 Reverse Mount Type
HPG1105W-TR STANLEY-HPG1105W-TR Datasheet
549Kb / 21P
   Single Color 3216 Dome Lenz Type
HBG1105W STANLEY-HBG1105W Datasheet
542Kb / 21P
   Single Color 3216 Dome Lenz Type
VFJY1105W-4C92D-TR STANLEY-VFJY1105W-4C92D-TR Datasheet
736Kb / 21P
   3216 size Dome Lens Type, Yellow color emitting LED
AY1112H-TR STANLEY-AY1112H-TR Datasheet
431Kb / 21P
   Single Color 2125 Type
YPY1104B STANLEY-YPY1104B Datasheet
259Kb / 18P
   Single Color High Brightness Type
FR1113F-TR STANLEY-FR1113F-TR Datasheet
311Kb / 18P
   Single Color High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com