Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PNIRP-05V-S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PNIRP-05V-S
Description  2.0mm pitch/Crimp style wire-to-wire connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PNIRP-05V-S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PNIRP-05V-S Datasheet HTML 1Page - List of Unclassifed Manufacturers PNIRP-05V-S Datasheet HTML 2Page - List of Unclassifed Manufacturers PNIRP-05V-S Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
PNI CONNECTOR
1,000
1,000
1,000
1,000
1,000
1,000
1,000
4.0
6.0
8.0
10.0
14.0
18.0
6.3
8.3
10.3
12.3
14.3
18.3
22.3
Circuits
Model No.
Dimensions (mm)
Q’ty /
bag
AB
Material
Glass-filled PA 66, UL94V-0, natural (ivory)
2
3
4
5
6
8
10
PNIS-02V
PNIS-03V
PNIS-04V
PNIS-05V
PNIS-06V
PNIS-08V
PNIS-10V
2.25
7
RoHS compliance
1,000
1,000
1,000
1,000
1,000
1,000
1,000
4.0
6.0
8.0
10.0
14.0
18.0
5.7
7.7
9.7
11.7
13.7
17.7
21.7
Circuits
Model No.
Dimensions (mm)
Q’ty /
bag
AB
Material
Glass-filled PBT, UL94V-0, natural (white)
2
3
4
5
6
8
10
PNIRP-02V-S
PNIRP-03V-S
PNIRP-04V-S
PNIRP-05V-S
PNIRP-06V-S
PNIRP-08V-S
PNIRP-10V-S
10.05
6.45
10.05
10.05
6.45
6.45
Circuit No.1
Circuit No.1
Circuit No.1
10.05
6.45
Circuit No.1
RoHS compliance
(2 circuits)
(3 circuits)
(4 circuits)
Socket housing (for socket contact)
Retainer
(5, 6, 8, 10 circuits)


Similar Part No. - PNIRP-05V-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PNIRP-05V-S ETC2-PNIRP-05V-S Datasheet
85Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - PNIRP-05V-S

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
JWPF JST-JWPF Datasheet
83Kb / 2P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SPNI-001T-P05 ETC2-SPNI-001T-P05 Datasheet
112Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
B02B-PASK-1LFSN ETC2-B02B-PASK-1LFSN Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B02B-PASK ETC2-B02B-PASK Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PALR-08VF ETC2-PALR-08VF Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
PA-SERIES JST-PA-SERIES Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
List of Unclassifed Man...
PAP-02V-S ETC1-PAP-02V-S Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com