Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PNIRR-06VF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PNIRR-06VF
Description  2.0mm pitch/Crimp style wire-to-wire connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PNIRR-06VF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PNIRR-06VF Datasheet HTML 1Page - List of Unclassifed Manufacturers PNIRR-06VF Datasheet HTML 2Page - List of Unclassifed Manufacturers PNIRR-06VF Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
PNI CONNECTOR
Model No.
Applicable wire
Q’ty /
reel
mm2
AWG#
Insulation O.D.
(mm)
SPNI-001T-P0.5
SPNI-002T-P0.5
0.13
0.33
0.08
0.21
26
22
28
24
1.0
1.5
0.9
1.5
9,000
9,000
Model No.
Applicable wire
Q’ty /
reel
mm2
AWG#
Insulation O.D.
(mm)
SPND-001T-C0.5
SPND-002T-C0.5
0.13
0.33
0.08
0.22
26
22
28
24
1.0
1.5
0.8
1.5
8,000
8,000
Material and Finish
Copper alloy, tin-plated (reflow treatment)
Material and Finish
Copper alloy, tin-plated (reflow treatment)
Contact
Crimping
machine
Crimp applicator with dies
AP-K2N
SPNI-001T-P0.5
MKS-L
MK/SPAL-001-05
APLMK SPAL001-05
SPNI-002T-P0.5
MKS-LS・MKS-L
MK/SPAL-002-05
APLMK SPAL002-05
Crimp applicator
Dies
Applicator
SPND-001T-C0.5
Contact
Crimping
machine
Crimp applicator with dies
AP-K2N
MKS-L
MK/SPND-001-05 APLMK SPND001-05
SPND-002T-C0.5
MKS-LS・MKS-L
MK/SPAD/ND-002-05 APLMK SPAD/ND002-05
Crimp applicator
Dies
Applicator
RoHS compliance
RoHS compliance
Pin contact
Socket contact
13.5
2.85
7.5
3
3.9
1.5
Pin contact
Socket contact
1,000
1,000
500
500
500
500
500
4.0
6.0
8.0
10.0
14.0
18.0
Circuits
Model No.
Without panel locks With panel locks
Dimensions (mm)
Q’ty /
bag
A
6.0
8.0
10.0
12.0
14.0
18.0
22.0
B
6.4
8.4
10.4
12.4
14.4
18.4
22.4
C
9.7
11.7
13.7
15.7
17.7
21.7
25.7
D
Material
PA 66, UL94V-0, natural (white)
2
3
4
5
6
8
10
PNIRR-02VF
PNIRR-03VF
PNIRR-04VF
PNIRR-05VF
PNIRR-06VF
PNIRR-08VF
PNIRR-10VF
PNIRR-02V
PNIRR-03V
PNIRR-04V
PNIRR-05V
PNIRR-06V
PNIRR-08V
PNIRR-10V
19.3
Circuit No.1
19.3
(6.3)
Circuit No.1
RoHS compliance
Note: C and D dimensions: Panel layout dimensions
With panel locks
Without panel locks
Contact
Receptacle housing (for pin contact)


Similar Part No. - PNIRR-06VF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PNIRP-02V-S ETC2-PNIRP-02V-S Datasheet
85Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
PNIRP-03V-S ETC2-PNIRP-03V-S Datasheet
85Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
PNIRP-04V-S ETC2-PNIRP-04V-S Datasheet
85Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
PNIRP-05V-S ETC2-PNIRP-05V-S Datasheet
85Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
PNIRP-06V-S ETC2-PNIRP-06V-S Datasheet
85Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - PNIRR-06VF

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
JWPF JST-JWPF Datasheet
83Kb / 2P
   2.0mm pitch/Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SPNI-001T-P05 ETC2-SPNI-001T-P05 Datasheet
112Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
B02B-PASK-1LFSN ETC2-B02B-PASK-1LFSN Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B02B-PASK ETC2-B02B-PASK Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PALR-08VF ETC2-PALR-08VF Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
PA-SERIES JST-PA-SERIES Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
List of Unclassifed Man...
PAP-02V-S ETC1-PAP-02V-S Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com