Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK1971 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part No. 2SK1971
Description  Silicon N-Channel MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK1971 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SK1971 Datasheet HTML 1Page - Hitachi Semiconductor 2SK1971 Datasheet HTML 2Page - Hitachi Semiconductor 2SK1971 Datasheet HTML 3Page - Hitachi Semiconductor 2SK1971 Datasheet HTML 4Page - Hitachi Semiconductor 2SK1971 Datasheet HTML 5Page - Hitachi Semiconductor 2SK1971 Datasheet HTML 6Page - Hitachi Semiconductor 2SK1971 Datasheet HTML 7Page - Hitachi Semiconductor 2SK1971 Datasheet HTML 8Page - Hitachi Semiconductor 2SK1971 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SK1971
3
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown
voltage
V
(BR)DSS
500
V
I
D = 10 mA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±20
V
I
G = ±100 µA, VDS = 0
Gate to source leak current
I
GSS
——
±10
µAV
GS = ±25 V, VDS = 0
Zero gate voltage drain current I
DSS
250
µAV
DS =400 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
2.0
3.0
V
I
D = 1 mA, VDS = 10 V
Static drain to source on state
resistance
R
DS(on)
0.19
0.23
I
D = 18 A
V
GS = 10 V*
1
Forward transfer admittance
|y
fs|16
24
S
I
D = 18 A
V
DS = 10 V*
1
Input capacitance
Ciss
4320
pF
V
DS = 10 V
Output capacitance
Coss
1120
pF
V
GS = 0
Reverse transfer capacitance
Crss
130
pF
f = 1 MHz
Turn-on delay time
t
d(on)
50
ns
I
D = 18A
Rise time
t
r
170
ns
V
GS = 10 V
Turn-off delay time
t
d(off)
320
ns
R
L = 1.67Ω
Fall time
t
f
130
ns
Body to drain diode forward
voltage
V
DF
1.1
V
I
F =35 A, VGS = 0
Body to drain diode reverse
recovery time
t
rr
530
ns
I
F = 35 A, VGS = 0,
di
F / dt = 100 A / µs
Note
1. Pulse Test


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
2SK657 Silicon N-Channel MOS FET 1  2  Panasonic Semiconductor
2SK1298 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
2SK1336 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
2SK1526 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
2SK1647 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
2SK1807 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
2SK1968 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
2SK2212 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
2SK2554 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
3SK297 Silicon N-Channel Dual Gate MOS FET 1  2  3  4  5  More Hitachi Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn