Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK1808 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part No. 2SK1808
Description  Silicon N-Channel MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK1808 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SK1808 Datasheet HTML 1Page - Hitachi Semiconductor 2SK1808 Datasheet HTML 2Page - Hitachi Semiconductor 2SK1808 Datasheet HTML 3Page - Hitachi Semiconductor 2SK1808 Datasheet HTML 4Page - Hitachi Semiconductor 2SK1808 Datasheet HTML 5Page - Hitachi Semiconductor 2SK1808 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK1808
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
900
V
Gate to source voltage
V
GSS
±30
V
Drain current
I
D
4A
Drain peak current
I
D(pulse)*
1
10
A
Body to drain diode reverse drain current
I
DR
4A
Channel dissipation
Pch*
2
35
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes
1. PW
≤ 10 µs, duty cycle ≤ 1 %
2. Value at Tc = 25
°C


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
2SK657 Silicon N-Channel MOS FET 1  2  Panasonic Semiconductor
2SK1298 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
2SK1336 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
2SK1526 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
2SK1647 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
2SK1807 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
2SK1971 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
2SK2212 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
2SK2554 Silicon N-Channel MOS FET 1  2  3  4  5  More Hitachi Semiconductor
3SK297 Silicon N-Channel Dual Gate MOS FET 1  2  3  4  5  More Hitachi Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn