Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T93Z253KT20 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T93Z253KT20
Description  3/8 Square Multi-Turn Cermet Trimmer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T93Z253KT20 Datasheet(HTML) 2 Page - Vishay Siliconix

  T93Z253KT20 Datasheet HTML 1Page - Vishay Siliconix T93Z253KT20 Datasheet HTML 2Page - Vishay Siliconix T93Z253KT20 Datasheet HTML 3Page - Vishay Siliconix T93Z253KT20 Datasheet HTML 4Page - Vishay Siliconix T93Z253KT20 Datasheet HTML 5Page - Vishay Siliconix T93Z253KT20 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
T93
www.vishay.com
Vishay Sfernice
Revision: 05-Aug-13
2
Document Number: 51026
For technical questions, contact: sferpottrimmers@vishay.com, see also Application Note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
Resistive element
Cermet
Electrical travel
21 turns ± 2
Resistance range
10
 to 2.2 M
Standard series E3
1 - 2.2 - 4.7 and on request 1 - 2 - 5
Tolerance
Standard
10 %
On request
5 %
Power rating
linear
0.5 W at + 70 °C
Circuit diagram
Temperature coefficient
See Standard Resistance Element table
Limiting element voltage (linear law)
250 V
Contact resistance variation
2 % Rn or 2
End resistance (typical)
1
Dielectric strength (RMS)
1000 V
Insulation resistance (500 VDC)
106 M
MECHANICAL SPECIFICATIONS
Mechanical travel
23 turns ± 5
Operating torque (max. Ncm)
1.5
End stop torque
Clutch action
Net weight
Approx. 0.82 g
Wiper (actual travel)
Positioned at approx. 50 %
Terminals
Pure Sn (code e3)
ENVIRONMENTAL SPECIFICATIONS
Temperature range
- 55 °C to + 155 °C
Climatic category
55/125/56
Sealing
Fully sealed - IP67
0
50
100
155
0.5
0
AMBIENT TEMPERATURE IN °C
70
125
25
a
(1)
b
(2)
c
(3)
cw


Similar Part No. - T93Z253KT20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T93Z224JT20 VISHAY-T93Z224JT20 Datasheet
96Kb / 5P
   3/8" Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
T93Z224JT20 VISHAY-T93Z224JT20 Datasheet
96Kb / 5P
   Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
T93Z224JT20 VISHAY-T93Z224JT20 Datasheet
96Kb / 5P
   3/8 Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
T93Z224JT20 VISHAY-T93Z224JT20 Datasheet
110Kb / 5P
   3/8" Square Multi-Turn Cermet Trimmer
Revision: 26-Jan-18
T93Z224JT20 VISHAY-T93Z224JT20 Datasheet
90Kb / 5P
   3/8" Square Multi-Turn Cermet Trimmer
01-Jan-2022
More results

Similar Description - T93Z253KT20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T93YA202KT20 VISHAY-T93YA202KT20 Datasheet
96Kb / 5P
   3/8 Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
T93YB202KT20 VISHAY-T93YB202KT20 Datasheet
96Kb / 5P
   3/8 Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
T93XA202KT20 VISHAY-T93XA202KT20 Datasheet
96Kb / 5P
   3/8" Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
T93YA102KT20 VISHAY-T93YA102KT20 Datasheet
96Kb / 5P
   3/8 Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
T93 VISHAY-T93_13 Datasheet
90Kb / 5P
   3/8 Square Multi-Turn Cermet Trimmer
Revision: 24-Aug-10
T93 VISHAY-T93_17 Datasheet
110Kb / 5P
   3/8" Square Multi-Turn Cermet Trimmer
Revision: 26-Jan-18
T93 VISHAY-T93_V01 Datasheet
90Kb / 5P
   3/8" Square Multi-Turn Cermet Trimmer
01-Jan-2022
T93YA502KT20 VISHAY-T93YA502KT20 Datasheet
96Kb / 5P
   Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
M64P224KB40 VISHAY-M64P224KB40 Datasheet
105Kb / 5P
   3/8 Square (10 mm) Multi-Turn Cermet Trimmer
01-Jan-2022
64P201E3 VISHAY-64P201E3 Datasheet
137Kb / 4P
   3/8 Square (10 mm) Multi-Turn Cermet Trimmer
Revision: 04-Sep-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com