Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUHD1E472 Datasheet(PDF) 3 Page - Panasonic Battery Group

Part # EEUHD1E472
Description  Aluminum Electrolytic Capacitors/ HD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

EEUHD1E472 Datasheet(HTML) 3 Page - Panasonic Battery Group

  EEUHD1E472 Datasheet HTML 1Page - Panasonic Battery Group EEUHD1E472 Datasheet HTML 2Page - Panasonic Battery Group EEUHD1E472 Datasheet HTML 3Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HD
– EEE-106 –
Standard Products
· When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch
✽B=5 mm, 7.5 mm, H=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
✽✽✽ Please kindly accept last shipment : 31/Mar/2015
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(120 Hz)
(+105 °C)
tan d
(120 Hz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽H
(V)
(μF)
(mm)
(mm) (mA r.m.s.)
(hours) (mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
50
0.1
5
11
1.1
0.12
1000
0.5
2.5
5.0
2.5
EEUHD1HR10( )
✽✽✽ 200
2000
0.22
5
11
2.3
0.12
1000
0.5
2.5
5.0
2.5
EEUHD1HR22( )
✽✽✽ 200
2000
0.33
5
11
3.5
0.12
1000
0.5
2.5
5.0
2.5
EEUHD1HR33( )
✽✽✽ 200
2000
0.47
5
11
5
0.12
1000
0.5
2.5
5.0
2.5
EEUHD1HR47( )
✽✽✽ 200
2000
1
5
11
10
0.12
1000
0.5
2.5
5.0
2.5
EEUHD1H1R0( )
✽✽✽ 200
2000
2.2
5
11
18
0.12
1000
0.5
2.5
5.0
2.5
EEUHD1H2R2( )
200
2000
3.3
5
11
22
0.12
1000
0.5
2.5
5.0
2.5
EEUHD1H3R3( )
200
2000
4.7
5
11
26
0.12
1000
0.5
2.5
5.0
2.5
EEUHD1H4R7( )
200
2000
10
5
11
39
0.12
1000
0.5
2.5
5.0
2.5
EEUHD1H100( )
200
2000
22
5
11
65
0.12
1000
0.5
2.5
5.0
2.5
EEUHD1H220( )
200
2000
33
5
11
90
0.12
1000
0.5
2.5
5.0
2.5
EEUHD1H330( )
200
2000
47
6.3
11.2
110
0.12
1000
0.5
2.5
5.0
2.5
EEUHD1H470( )
200
2000
68
6.3
11.2
110
0.12
1000
0.5
2.5
5.0
2.5
EEUHD1H680( )
200
2000
100
8
11.5
180
0.12
1000
0.6
3.5
5.0
EEUHD1H101( )
200
1000
220
10
12.5
300
0.12
2000
0.6
5.0
5.0
EEUHD1H221( )
200
500
330
10
16
410
0.12
2000
0.6
5.0
5.0
EEUHD1H331( )
200
500
470
10
20
530
0.12
2000
0.6
5.0
5.0
EEUHD1H471( )
200
500
560
16
15
650
0.12
2000
0.8
7.5
7.5
EEUHD1H561S( )
100
250
680
16
15
650
0.12
2000
0.8
7.5
7.5
EEUHD1H681S( )
100
250
1000
12.5
25
950
0.12
2000
0.6
5.0
5.0
EEUHD1H102( )
200
500
2200
16
31.5
1470
0.14
2000
0.8
7.5
EEUHD1H222
100
3300
18
35.5
1770
0.16
2000
0.8
7.5
EEUHD1H332
50
Endurance : 105 °C
05 to 08=1000 h, 010 to 018=2000 h
02 May. 2014


Similar Part No. - EEUHD1E472

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUHD1E472 PANASONIC-EEUHD1E472 Datasheet
75Kb / 3P
   Aluminum Electrolytic Capacitors/ HD
EEUHD1E472 PANASONIC-EEUHD1E472 Datasheet
82Kb / 3P
   Aluminum Electrolytic Capacitors/ HD
EEUHD1E472 PANASONIC-EEUHD1E472 Datasheet
67Kb / 3P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EEUHD1E472

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-HD1E472 PANASONIC-EEU-HD1E472 Datasheet
75Kb / 3P
   Aluminum Electrolytic Capacitors/ HD
EET-HD2W331KJ PANASONIC-EET-HD2W331KJ Datasheet
67Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEE-HD1H2R2R PANASONIC-EEE-HD1H2R2R Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEE-HD2A220P PANASONIC-EEE-HD2A220P Datasheet
68Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEU-HD1H100 PANASONIC-EEU-HD1H100 Datasheet
82Kb / 3P
   Aluminum Electrolytic Capacitors/ HD
EET-HD2W561LJ PANASONIC-EET-HD2W561LJ Datasheet
54Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEE-HD1E101AP PANASONIC-EEE-HD1E101AP Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEVHD1A101P PANASONIC-EEVHD1A101P Datasheet
39Kb / 2P
   Aluminum Electrolytic Capacitor/HD
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com