Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE-SPX406-W2A Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # EE-SPX406-W2A
Description  Photomicrosensor with built-in amplifier and attached cable reduces external light interference
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SPX406-W2A Datasheet(HTML) 3 Page - Omron Electronics LLC

  EE-SPX406-W2A Datasheet HTML 1Page - Omron Electronics LLC EE-SPX406-W2A Datasheet HTML 2Page - Omron Electronics LLC EE-SPX406-W2A Datasheet HTML 3Page - Omron Electronics LLC EE-SPX406-W2A Datasheet HTML 4Page - Omron Electronics LLC EE-SPX406-W2A Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EE-SPX-W
3
Engineering Data (
Reference Value)
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
Make sure that this product is used within the rated ambient
environment conditions.
● Wiring
• When extending the cable, use an extension cable with conductors
having a total cross-section area of 0.3 mm2. The total cable length
must be 2 m maximum.
• To use a cable length longer than 2 m, attach a capacitor with a
capacitance of approximately 10
μF to the wires as shown below.
The distance between the terminal and the capacitor must be within
2 m. (Use a capacitor with a dielectric strength that is at least twice
the Sensor's power supply voltage.)
• Make sure the total length of the power cable connected to the
product is less than 10 m even if a capacitor is inserted.
Sensing Position Characteristics
EE-SPX302-W2A
EE-SPX304-W2A
EE-SPX306-W2A
EE-SPX302-W2A
EE-SPX304-W2A
EE-SPX306-W2A
EE-SPX305-W2A
EE-SPX305-W2A
012
3
4
5
6
Tr ON
Tr OFF
d
d
Dark-ON
Distance d (mm)
012
3
4
5
6
Tr ON
Tr OFF
d
Dark-ON
Distance d (mm)
Tr ON
Tr OFF
012
3
4
5
6
EE-SPX305-W2A
d
Dark-ON
Distance d (mm)
Tr ON
Tr OFF
d
Dark-ON
012
3
4
5
6
Distance d (mm)
WARNING
Precautions for Correct Use
+
A capacitance of
10
μF min.
5 to 24 VDC
2 m max.
0 V
+
Extension cable


Similar Part No. - EE-SPX406-W2A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SPX406-W2A OMRON-EE-SPX406-W2A Datasheet
212Kb / 3P
   Slot-type Photomicrosensor with Cable
More results

Similar Description - EE-SPX406-W2A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SPY401 OMRON-EE-SPY401 Datasheet
675Kb / 7P
   Photomicrosensor with light modulation is not influenced by external light.
EE-SX911P-R1M OMRON-EE-SX911P-R1M Datasheet
603Kb / 9P
   Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
EE-SX3173 OMRON-EE-SX3173 Datasheet
3Mb / 9P
   Built-in Photomicrosensor Connector Type
logo
Maxim Integrated Produc...
MAX17245 MAXIM-MAX17245 Datasheet
1Mb / 17P
   Eliminates External Components and Reduces
Rev 0; 4/16
MAX17244 MAXIM-MAX17244 Datasheet
1Mb / 18P
   Eliminates External Components and Reduces
Rev 0; 4/16
logo
Omron Electronics LLC
EE-SX771A OMRON-EE-SX771A Datasheet
424Kb / 6P
   Photomicrosensor with Slim Cable
logo
Tripp Lite. All Rights ...
U357-025-UASP TRIPPLITE-U357-025-UASP Datasheet
164Kb / 3P
   USB 3.0 SuperSpeed External 2.5 in. SATA Hard Drive Enclosure with Built-In Cable and UASP Support
logo
Omron Electronics LLC
EE-SPX-W OMRON-EE-SPX-W Datasheet
212Kb / 3P
   Slot-type Photomicrosensor with Cable
logo
Maxim Integrated Produc...
MAX17242 MAXIM-MAX17242 Datasheet
564Kb / 18P
   Eliminates External Components and Reduces Total Cost
Rev 0; 10/15
MAX17232 MAXIM-MAX17232 Datasheet
1Mb / 24P
   Eliminates External Components and Reduces Total Cost
Rev 0; 2/16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com