Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC957L0NSZ0F Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC957L0NSZ0F
Description  High Speed 1Mb/s, High CMR DIP 8 pin OPIC Photocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC957L0NSZ0F Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PC957L0NSZ0F Datasheet HTML 3Page - Sharp Corporation PC957L0NSZ0F Datasheet HTML 4Page - Sharp Corporation PC957L0NSZ0F Datasheet HTML 5Page - Sharp Corporation PC957L0NSZ0F Datasheet HTML 6Page - Sharp Corporation PC957L0NSZ0F Datasheet HTML 7Page - Sharp Corporation PC957L0NSZ0F Datasheet HTML 8Page - Sharp Corporation PC957L0NSZ0F Datasheet HTML 9Page - Sharp Corporation PC957L0NSZ0F Datasheet HTML 10Page - Sharp Corporation PC957L0NSZ0F Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Sheet No.: D2-A06402EN
7
PC957L0NSZ0F Series
Fig.7 Output Current vs. Output Voltage
Fig.8 Relative Current Transfer Ratio vs.
Ambient Temperature
Fig.5 Forward Current vs. Forward Voltage
Fig.6 Relative Current Transfer Ratio vs.
Forward Current
Forward voltage VF (V)
1.0
1.2
1.4
1.6
1.8
2.0
1
10
100
0.1
Ta
=70˚C
Ta
=50˚C
Ta
=25˚C
Ta
=0˚C
Ta
=−25˚C
Ta
=−55˚C
Forward current IF (mA)
0.1
1
10
100
100
150
200
0
VCC
=4.5V
VO
=0.4V
Ta
=25˚C
50
CTR
=100% at IF=16mA
8
10
12
14
16
18
0
Dotted line shows
pulse characteristics
4
6
IF
=25mA
IF
=20mA
IF
=15mA
IF
=10mA
IF
=5mA
Output voltage VO (V)
02468
10
12
20
14
16
18
Ta
=25˚C
VCC
=5V
2
90
100
110
120
130
140
150
50
60
Ambient temperature Ta (˚C)
−55 −40
−20
0
20
40
60
100
80
IF
=16mA
VCC
=4.5V
VO
=0.4V
70
80
CTR
=100% at Ta=25˚C
Fig.9 High Level Output Current vs.
Ambient Temperature
Fig.10 Propagation Delay Time vs. Ambient
Temperature
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.
Ambient temperature Ta (˚C)
−25
025
5075
100
1
10
100
1 000
0.1
IF
=0
VCC
=VO=30V
VCC
=VO=15V
VCC
=VO=5.5V
−55 −40
−20
0
20
40
60
100
80
0
800
400
600
Ambient temperature Ta (˚C)
tPLH
tPHL
200
IF
=16mA
VCC
=5V
RL
=1.9kΩ


Similar Part No. - PC957L0NSZ0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC957L0NSZ SHARP-PC957L0NSZ Datasheet
48Kb / 3P
   High Speed and High CMR OPIC Photocoupler
More results

Similar Description - PC957L0NSZ0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC910L0NSZ SHARP-PC910L0NSZ Datasheet
220Kb / 13P
   High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
PC910L0NSZ0F SHARP-PC910L0NSZ0F Datasheet
242Kb / 14P
   High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC956L0NSZ0F SHARP-PC956L0NSZ0F Datasheet
259Kb / 15P
   High Speed 2Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC917X SHARP-PC917X Datasheet
59Kb / 4P
   High Speed, High CMR OPIC Photocoupler
PC923L SHARP-PC923L Datasheet
322Kb / 18P
   High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
   High Speed Response, High CMR OPIC Photocoupler
PC957L0NSZ SHARP-PC957L0NSZ Datasheet
48Kb / 3P
   High Speed and High CMR OPIC Photocoupler
logo
COSMO Electronics Corp...
KPC457 COSMO-KPC457 Datasheet
72Kb / 4P
   High Speed 1Mb/s,High CMR Mini-flat Package Photocoupler
logo
Sharp Corporation
PC457L0NIP SHARP-PC457L0NIP Datasheet
49Kb / 5P
   High Speed and High CMR ∗OPIC Photocoupler
PC456L0NIP0F SHARP-PC456L0NIP0F Datasheet
211Kb / 13P
   High Speed 2Mb/s, High CMR Mini-flat Package OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com