Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBF-32420 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NBF-32420
Description  NBF-SERIES NEMA ECONOMY ENCLOSURES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NBF-32420 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NBF-32420 Datasheet HTML 1Page - List of Unclassifed Manufacturers NBF-32420 Datasheet HTML 2Page - List of Unclassifed Manufacturers NBF-32420 Datasheet HTML 3Page - List of Unclassifed Manufacturers NBF-32420 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Indoor Version
Outdoor
Version
Nominal External Dimensions
Actual Internal
Dimensions
ABS
Catalog
#
Catalog Number
Catalog
Number
Inches [Milimeters]
Inches
Solid
Door
Solid
Door
Clear
Door
Solid
Door
Clear
Door
A
B
C
D
E
F
G
Wgt
.
Lbs.
15.74
11.81
6.29
5.2
NBF-
32026
NBF-
32126
NBF-
32226
NBF-
32326
NBF-
32426
[400mm]
[300mm]
[160mm]
[132mm]
15.14
11.02
5.96
5.6
17.71
13.78
6.29
5.12
NBF-
32028*
NBF-
32128*
NBF-
32228*
NBF-
32328*
NBF-
32428*
[450mm]
[350mm]
[160mm]
[130mm]
16.65
12.64
5.96
6.9
17.71
13.78
7.87
6.69
NBF-
32030*
NBF-
32130*
NBF-
32230*
NBF-
32330*
NBF-
32430*
[450mm]
[350mm]
[200mm]
[170mm]
16.65
12.64
7.54
8.9
19.68
15.74
6.29
5.12
NBF-
32032
NBF-
32132
NBF-
32232
NBF-
32332
NBF-
32432
[500mm]
[400mm]
[160mm]
[130mm]
18.82
14.88
5.96
9.6
19.68
15.74
7.87
6.69
NBF-
32034*
NBF-
32134*
NBF-
32234*
NBF-
32334*
NBF-
32434*
[500mm]
[400mm]
[200mm]
[170mm]
18.82
14.88
7.54
10.6
20.86
16.92
6.29
5.12
NBF-
32036*
NBF-
32136*
NBF-
32236*
NBF-
32336*
NBF-
32436*
[530mm]
[430mm]
[160mm]
[130mm]
19.69
15.71
5.96
10.6
20.86
16.92
7.87
6.69
NBF-
32038
NBF-
32138
NBF-
32238
NBF-
32338
NBF-
32438
[500mm]
[430mm]
[200mm]
[170mm]
19.69
15.71
7.54
11.7
23.62
19.68
7.08
5.91
NBF-
32040*
NBF-
32140*
NBF-
32240*
NBF-
32340*
NBF-
32440*
[600mm]
[500mm]
[180mm]
[150mm]
23.58
19.69
6.71
13.9
23.62
19.68
9.84
8.66
NBF-
32042
NBF-
32142
NBF-
32242
NBF-
32342
NBF-
32442
[600mm]
[500mm]
[250mm]
[220mm]
23.62
19.69
9.47
16.1
27.55
19.68
7.08
5.91
NBF-
32044*
NBF-
32144*
NBF-
32244*
NBF-
32344*
NBF-
32444*
[700mm]
[500mm]
[180mm]
[150mm]
27.52
19.65
6.71
15.8
27.55
19.68
9.84
8.66
[700mm]
[500mm]
[250mm]
[220mm]
NBF-
32046
NBF-
32146
NBF-
32246
NBF-
32346
NBF-
32446
[800mm]
[600mm]
[280mm]
[257mm]
27.56
19.69
9.47
18.2
* Non-stocking item. Contact factory for price and availability.
N/A = Not Available.


Similar Part No. - NBF-32420

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
NBF-32026 BUD-NBF-32026 Datasheet
82Kb / 4P
   NBF-SERIES NEMA ECONOMY ENCLOSURES
More results

Similar Description - NBF-32420

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
NBF-32026 BUD-NBF-32026 Datasheet
82Kb / 4P
   NBF-SERIES NEMA ECONOMY ENCLOSURES
logo
List of Unclassifed Man...
BU-55 ETC2-BU-55 Datasheet
50Kb / 1P
   Economy Clip
171822 ETC1-171822 Datasheet
257Kb / 2P
   Economy Interconnection (EI) Series Connectors
logo
TE Connectivity Ltd
416 TEC-416 Datasheet
593Kb / 2P
   Economy Trimmers
logo
Tyco Electronics
1-1623920-3 MACOM-1-1623920-3 Datasheet
47Kb / 1P
   SMD ECONOMY TRIMMERS SERIES 3142
logo
NXP Semiconductors
UDA1345TS PHILIPS-UDA1345TS Datasheet
126Kb / 28P
   Economy audio CODEC
2000 Apr 18
logo
Beckhoff Automation Gmb...
CP32XX-0010 BECKHOFF-CP32XX-0010 Datasheet
154Kb / 6P
   Economy Panel PC
logo
List of Unclassifed Man...
CA-020 ETC1-CA-020 Datasheet
632Kb / 18P
   Aluminium enclosures CA series
logo
Tyco Electronics
2-382811-1 MACOM-2-382811-1 Datasheet
100Kb / 1P
   ECONOMY SHUNT ASSEMBLY
logo
NXP Semiconductors
UDA1345TSDB-T NXP-UDA1345TSDB-T Datasheet
216Kb / 29P
   Economy audio CODEC
2002 May 28
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com