Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J21DPM-20V-KY Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # J21DPM-20V-KY
Description  2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

J21DPM-20V-KY Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  J21DPM-20V-KY Datasheet HTML 1Page - List of Unclassifed Manufacturers J21DPM-20V-KY Datasheet HTML 2Page - List of Unclassifed Manufacturers J21DPM-20V-KY Datasheet HTML 3Page - List of Unclassifed Manufacturers J21DPM-20V-KY Datasheet HTML 4Page - List of Unclassifed Manufacturers J21DPM-20V-KY Datasheet HTML 5Page - List of Unclassifed Manufacturers J21DPM-20V-KY Datasheet HTML 6Page - List of Unclassifed Manufacturers J21DPM-20V-KY Datasheet HTML 7Page - List of Unclassifed Manufacturers J21DPM-20V-KY Datasheet HTML 8Page - List of Unclassifed Manufacturers J21DPM-20V-KY Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
J2000 SERIES/J2100
Q’ty / bag
Circuits
Keying
Model No.
Dimensions (mm)
AB
C
Material
Glass-filled PBT, UL94V-0, black
X
Y
X
Y
X
Y
X
Y
X
Y
X
Y
6
8
10
12
16
20
J21DF-06V-KX-L
J21DF-06V-KY-L
J21DF-08V-KX-L
J21DF-08V-KY-L
J21DF-10V-KX-L
J21DF-10V-KY-L
J21DF-12V-KX-L
J21DF-12V-KY-L
J21DF-16V-KX-L
J21DF-16V-KY-L
J21DF-20V-KX-L
J21DF-20V-KY-L
5.0
5.0
7.5
7.5
10.0
10.0
12.5
12.5
17.5
17.5
22.5
22.5
8.3
8.3
10.8
10.8
13.3
13.3
15.8
15.8
20.8
20.8
25.8
25.8
300
300
300
300
200
200
200
200
200
200
100
100
8.9
8.9
11.4
11.4
13.9
13.9
16.4
16.4
21.4
21.4
26.4
26.4
Long keying type
Double-row type
A
B
C
2.5
Circuit No.
Keying No.
Key way
Line No.
Double-row type
Line No.
Series name
B
(C)
A
2.5
X
X
J-2100
B
54 32
1
Keying No.
Circuit No.
Keying No.
Q’ty / box
Circuits
Keying
Model No.
AB
Dimensions (mm)
(C)
Material
Glass-filled PBT, UL94V-0, black
X
Y
X
Y
X
Y
X
Y
X
Y
X
Y
6
8
10
12
16
20
J21DPM-06V-KX
J21DPM-06V-KY
J21DPM-08V-KX
J21DPM-08V-KY
J21DPM-10V-KX
J21DPM-10V-KY
J21DPM-12V-KX
J21DPM-12V-KY
J21DPM-16V-KX
J21DPM-16V-KY
J21DPM-20V-KX
J21DPM-20V-KY
5.0
5.0
7.5
7.5
10.0
10.0
12.5
12.5
17.5
17.5
22.5
22.5
10.2
10.2
12.7
12.7
15.2
15.2
17.7
17.7
22.7
22.7
27.7
27.7
156
156
144
144
120
120
108
108
84
84
72
72
17.6
17.6
20.1
20.1
22.6
22.6
25.1
25.1
30.1
30.1
35.1
35.1
Circuits
Dimensions (mm)
AB
D
8.6
8.6
8.6
8.6
8.6
8.6
6
8
10
12
16
20
14.8
14.8
14.8
14.8
14.8
14.8
15.2
17.7
20.2
22.7
27.7
32.7
C
10.5
13.0
15.5
18.0
23.0
28.0
Double-row type
D
C
±0.1
±0.1
Receptacle housing (Center locking type)
Tab housing (Panel mounting type)
Panel layout
RoHS compliance
RoHS compliance


Similar Part No. - J21DPM-20V-KY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
More results

Similar Description - J21DPM-20V-KY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
XARR-06V JST-XARR-06V Datasheet
153Kb / 3P
   XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
   Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com