Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J21DPM-10V-KY Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # J21DPM-10V-KY
Description  2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

J21DPM-10V-KY Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  J21DPM-10V-KY Datasheet HTML 1Page - List of Unclassifed Manufacturers J21DPM-10V-KY Datasheet HTML 2Page - List of Unclassifed Manufacturers J21DPM-10V-KY Datasheet HTML 3Page - List of Unclassifed Manufacturers J21DPM-10V-KY Datasheet HTML 4Page - List of Unclassifed Manufacturers J21DPM-10V-KY Datasheet HTML 5Page - List of Unclassifed Manufacturers J21DPM-10V-KY Datasheet HTML 6Page - List of Unclassifed Manufacturers J21DPM-10V-KY Datasheet HTML 7Page - List of Unclassifed Manufacturers J21DPM-10V-KY Datasheet HTML 8Page - List of Unclassifed Manufacturers J21DPM-10V-KY Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
JFA CONNECTOR J2000 SERIES
2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
2.5mm pitch connector for miniaturization
of electronic equipment.
Center locking or side locking options can
be used depending on the required
application.
Receptacle contacts are designed to be
common with all JFA connector J2000
series.
• Double-spring construction
• 2 kinds of locking method
• Housing lance
• Clear "click feeling"
Current rating
Wire size (AWG)
Circuits
Unit: A
3
4
6
8
10
12
16
20
#20
4.6
4.5
4.3
4.1
3.9
3.6
3.2
2.9
#22
4.4
4.3
4.1
3.6
3.4
3.1
2.8
2.5
#24
3.4
3.2
2.8
2.6
2.5
2.4
2.2
2.1
#26
3.0
2.8
2.6
2.3
2.2
2.0
1.8
1.7
#28
2.4
2.3
2.1
1.9
1.8
1.6
1.4
1.3
Specifications –––––––––––––––––––
• Current rating: 4.6A max. AC, DC (3 circuits/AWG #20)
• Voltage rating: 250V AC, DC
• Temperature range: -55°C to +105°C
(including temperature rise in applying
electrical current)
• Withstanding voltage: 1,500V AC/minute
• Applicable wire: AWG #28 to #20 (0.08 to 0.75mm2)
• Applicable PC board thickness: 1.6mm
*Contact JST for details.
*Compliant with RoHS.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812


Similar Part No. - J21DPM-10V-KY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
More results

Similar Description - J21DPM-10V-KY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
XARR-06V JST-XARR-06V Datasheet
153Kb / 3P
   XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
   Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com