Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ2M-01GF-M1.0S Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SJ2M-01GF-M1.0S
Description  2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SJ2M-01GF-M1.0S Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SJ2M-01GF-M1.0S Datasheet HTML 6Page - List of Unclassifed Manufacturers SJ2M-01GF-M1.0S Datasheet HTML 7Page - List of Unclassifed Manufacturers SJ2M-01GF-M1.0S Datasheet HTML 8Page - List of Unclassifed Manufacturers SJ2M-01GF-M1.0S Datasheet HTML 9Page - List of Unclassifed Manufacturers SJ2M-01GF-M1.0S Datasheet HTML 10Page - List of Unclassifed Manufacturers SJ2M-01GF-M1.0S Datasheet HTML 11Page - List of Unclassifed Manufacturers SJ2M-01GF-M1.0S Datasheet HTML 12Page - List of Unclassifed Manufacturers SJ2M-01GF-M1.0S Datasheet HTML 13Page - List of Unclassifed Manufacturers SJ2M-01GF-M1.0S Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
J2000 SERIES/J2300
Circuits
Keying
Model No.
3
784
784
784
784
784
784
784
784
S1
S2
S3
S4
S5
S6
S7
S8
J23CF-03V-KS1
J23CF-03V-KS2
J23CF-03V-KS3
J23CF-03V-KS4
J23CF-03V-KS5
J23CF-03V-KS6
J23CF-03V-KS7
J23CF-03V-KS8
Q’ty / box
Material
Glass-filled PBT, UL94V-0, black
Circuit No.
5.9
U–A
2
1
15.45
2.75
Line No.
Keying No.
Circuits
Keying
Q’ty / box
Model No.
24
10
Input
Output
P28B-J23DK-GGNR
64
S1
∼S8
Material and Finish
Tab contact: Copper alloy, nickel-undercoated, selective gold-plated
Housing: Glass-filled PBT, UL94V-0, black
2-φ
3.5
(60.1)
67.2
(74.2)
S3
S2
S1
P
S8
S7
S6
S5
S4
Hole for M3 nut
Temporary nut holder
U-A
• Current rating
• Circuit composition
• Voltage rating: 250V AC, DC
Receptacle housing
J2300 Connector
sensor ①
output ①
sensor ②
output ②
sensor ③
output ③
sensor ④
output ④
sensor ⑤
output ⑤
sensor ⑥
output ⑥
sensor ⑦
output ⑦
sensor ⑧
output ⑧
power supply input
power supply input
Wire size
Current (A)
#20
#22
#24
#26
#28
6.5
5.5
4.0
3.0
2.0
RoHS compliance
Receptacle housing (Common type for sensor)
T&P connector
RoHS compliance


Similar Part No. - SJ2M-01GF-M1.0S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SJ2M-01GF-M1.0S ETC2-SJ2M-01GF-M1.0S Datasheet
232Kb / 8P
   Crimping tools and machines
More results

Similar Description - SJ2M-01GF-M1.0S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
XARR-06V JST-XARR-06V Datasheet
153Kb / 3P
   XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
   Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com