Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ2F-01GF-P1.0 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SJ2F-01GF-P1.0
Description  2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SJ2F-01GF-P1.0 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SJ2F-01GF-P1.0 Datasheet HTML 3Page - List of Unclassifed Manufacturers SJ2F-01GF-P1.0 Datasheet HTML 4Page - List of Unclassifed Manufacturers SJ2F-01GF-P1.0 Datasheet HTML 5Page - List of Unclassifed Manufacturers SJ2F-01GF-P1.0 Datasheet HTML 6Page - List of Unclassifed Manufacturers SJ2F-01GF-P1.0 Datasheet HTML 7Page - List of Unclassifed Manufacturers SJ2F-01GF-P1.0 Datasheet HTML 8Page - List of Unclassifed Manufacturers SJ2F-01GF-P1.0 Datasheet HTML 9Page - List of Unclassifed Manufacturers SJ2F-01GF-P1.0 Datasheet HTML 10Page - List of Unclassifed Manufacturers SJ2F-01GF-P1.0 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
J2000 SERIES/J2100
Double-row type
2.5 ±0.05
N-
φ0.85
Connector outline
+0.05
–0.03
Circuit No.
Series name
Keying No.
Keying No.
Line No.
3.22
A ±0.05
3.4
B
2.5
A
2.5
X
4
53 2 1
J-2100
Copper foil land 2-(
φ3)
Through-hole 2-
φ2 ±0.05
(B)
PC board layout
(viewed from component side)
Circuits
Keying
Model No.
Dimensions (mm)
AB
6
8
10
12
16
20
X
Y
X
Y
X
Y
X
Y
X
Y
X
Y
B06B-J21DK-GGXR
B06B-J21DK-GGYR
B08B-J21DK-GGXR
B08B-J21DK-GGYR
B10B-J21DK-GGXR
B10B-J21DK-GGYR
B12B-J21DK-GGXR
B12B-J21DK-GGYR
B16B-J21DK-GGXR
B16B-J21DK-GGYR
B20B-J21DK-GGXR
B20B-J21DK-GGYR
5.0
5.0
7.5
7.5
10.0
10.0
12.5
12.5
17.5
17.5
22.5
22.5
10.2
10.2
12.7
12.7
15.2
15.2
17.7
17.7
22.7
22.7
27.7
27.7
252
252
204
204
168
168
144
144
108
108
84
84
Q’ty / box
Material and Finish
Tab contact: Copper alloy, nickel-undercoated, selective gold-plated
Housing: Glass-filled PBT, UL94V-0, black
Reinforcing metal fixture: Copper alloy, nickel-undercoated, selective gold-plated
Double-row type
• 6 circuits
• 8, 10, 12, 16, 20 circuits
Circuit No.
Series name
Keying No.
2.5 ±0.05
φ0.85
+0.05
–0.03
5 ±0.05
Keying No.
Line No.
(7)
2.5
J-2100
21
3
X
2.5
A
B
Copper foil land
(
φ3.4)
Through-hole
φ2 ±0.05
Connector outline
(B)
Circuit No.
54
3 2
1
X
J-2100
Series name
Line No.
Keying No.
B
A
2.5
(7)
2.5
2.5 ±0.05
Connector outline
Through-hole
2-
φ2 ±0.05
Copper foil land
2-(
φ3.4)
A ±0.05
Keying No.
(B)
PC board layout
(viewed from component side)
PC board layout
(viewed from component side)
φ0.85
+0.05
–0.03
Circuits
Keying
Model No.
Dimensions (mm)
AB
6
8
10
12
16
20
X
Y
X
Y
X
Y
X
Y
X
Y
X
Y
S06B-J21DK-GGXR
S06B-J21DK-GGYR
S08B-J21DK-GGXR
S08B-J21DK-GGYR
S10B-J21DK-GGXR
S10B-J21DK-GGYR
S12B-J21DK-GGXR
S12B-J21DK-GGYR
S16B-J21DK-GGXR
S16B-J21DK-GGYR
S20B-J21DK-GGXR
S20B-J21DK-GGYR
5.0
5.0
7.5
7.5
10.0
10.0
12.5
12.5
17.5
17.5
22.5
22.5
10.2
10.2
12.7
12.7
15.2
15.2
17.7
17.7
22.7
22.7
27.7
27.7
252
252
204
204
168
168
144
144
108
108
84
84
Q’ty / box
Material and Finish
Tab contact: Copper alloy, nickel-undercoated, selective gold-plated
Housing: Glass-filled PBT, UL94V-0, black
Reinforcing metal fixture: Copper alloy, nickel-undercoated, selective gold-plated
Header Top entry type (Center locking type)
Header Side entry type (Center locking type)
RoHS compliance This product displays (LF) (AU) on a label.
RoHS compliance This product displays (LF) (AU) on a label.


Similar Part No. - SJ2F-01GF-P1.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SJ2F-01GF-P1.0 ETC2-SJ2F-01GF-P1.0 Datasheet
232Kb / 8P
   Crimping tools and machines
More results

Similar Description - SJ2F-01GF-P1.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
XARR-06V JST-XARR-06V Datasheet
153Kb / 3P
   XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
   Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com