Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FU-632SEA-3M15A Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # FU-632SEA-3M15A
Description  1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL(WDM)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-632SEA-3M15A Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  FU-632SEA-3M15A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-632SEA-3M15A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-632SEA-3M15A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-632SEA-3M15A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-632SEA-3M15A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MITSUBISHI (OPTICAL DEVICES)
FU-632SEA-3MxxA/FU-632SEA-6MxxA
1.55
mm EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL(WDM)
ELECTRICAL/OPTICAL CHARACTERISTICS (Tld=Tset, Tc=25
°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Laser operating
Temperature
Tset
CW, If=Iop
15
-
35
°C
Threshold current
Ith
CW,Vm=0V
5
-
30
mA
Operating current
Iop
CW,Vm=0V
50
60
100
mA
Operating voltage
Vop
CW,Vm=0V,If=Iop
-
-
1.7
V
Input impedance
Zin
If=Iop
-
50
-
W
Optical output power from
fiber end
Pf
CW,Vm=0V,If=Iop
1.2
-
-
mW
Light emission central
spectral wavelength
lc
CW,Vm=0V,If=Iop,
Tld=Tset
see Table 1.
nm
Center wavelength drift with
case temperature
Dlc/DTc
CW,Vm=0V,APC
Tld=Tset ,Tc=-20~70
°C
-1
-
0
pm/
°C
Side mode suppression
ratio
Sr
(Note3,5)
35
40
-
dB
Spectral width
Dl
(Note3,5)
-
3
10
MHz
Relative intensity noise
RIN
CW,Vm=0V,If=Iop,2.5GHz
-
-155
-140
dB/Hz
-3MxxA series
@6400ps/nm
-
-
1.0
dB
Power penalty
Pp
(Note4,5)
-6MxxA series
@12800ps/nm
-
-
1.0
dB
Extinction ratio
Ex
(Note3,5)
11
-
-
dB
Rise/Fall time
tr/tf
(Note3,5),10-90%
-
-
120
ps
Cutoff frequency
fc
If=Iop,Vm=-1V
3.5
-
-
GHz
If=Iop,Vm=-1V,0~2GHz
10
-
-
dB
If=Iop,Vm=-1V,2~3GHz
7
-
-
dB
RF return loss
S11
If=Iop,Vm=-1V,3~5GHz
3
-
-
dB
Tracking error
Er
Tc=-20
70
°C,APC,
ATC (Note6)
-
0.3
0.5
dB
Monitor current
Imon
CW,If=Iop,Vm=0V
0.05
-
1.0
mA
Dark current(PD)
Id
Vrd=5V,Tld=25
°C
-
-
0.1
mA
Capacitance(PD)
Ct
Vrd=5V,Tld=25
°C,f=1MHz
-
10
-
pF
Tc=25
°C35
-
-
dB
Optical isolation
Iso
Tc=-20~70
°C23
-
-
dB
Note 2. Vm is EAM bias level at CW condition, Vpp and Voff are EAM amplitude and EAM high level offset
voltage respectively at modulated condition.
3. 2.48832Gb/s,NRZ,PRBS2
23-1,If=Iop,Vpp=2.5V,Voff=-0.2V,Tld=Tset, Back to back.
4. 2.48832Gb/s,NRZ,PRBS2
23-1,If=Iop,Vpp=2.5V,Voff=-0.2V,Tld=Tset, dispersion=6400ps/nm
for FU-632SEA-3MxxA series, or dispersion=12800ps/nm for FU-632SEA-6MxxA series.
5. Optical return loss of the connectors should be greater than 40dB in order to get specified performance.
6. Er=MAX|10
´log(Pf(Tc)/Pf(25°C))|


Similar Part No. - FU-632SEA-3M15A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-632SEA-V61M11F MITSUBISHI-FU-632SEA-V61M11F Datasheet
212Kb / 6P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-632SEA-V61M13F MITSUBISHI-FU-632SEA-V61M13F Datasheet
212Kb / 6P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-632SEA-V61M15F MITSUBISHI-FU-632SEA-V61M15F Datasheet
212Kb / 6P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-632SEA-V61M17F MITSUBISHI-FU-632SEA-V61M17F Datasheet
212Kb / 6P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-632SEA-V61M19F MITSUBISHI-FU-632SEA-V61M19F Datasheet
212Kb / 6P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results

Similar Description - FU-632SEA-3M15A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-632SEA-X61MYYF MITSUBISHI-FU-632SEA-X61MYYF Datasheet
212Kb / 6P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-X9YYMZZF MITSUBISHI-FU-68SDF-X9YYMZZF Datasheet
171Kb / 6P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-XW5M1 MITSUBISHI-FU-650SDF-XW5M1 Datasheet
82Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-636SDF-F1M1 MITSUBISHI-FU-636SDF-F1M1 Datasheet
45Kb / 3P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-627SDF MITSUBISHI-FU-627SDF Datasheet
48Kb / 3P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-627SDF-FX1 MITSUBISHI-FU-627SDF-FX1 Datasheet
66Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X2MYYF MITSUBISHI-FU-653SEA-X2MYYF Datasheet
134Kb / 5P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X1M2F MITSUBISHI-FU-653SEA-X1M2F Datasheet
88Kb / 4P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X1M6F MITSUBISHI-FU-653SEA-X1M6F Datasheet
110Kb / 4P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-627SLD-F1M54 MITSUBISHI-FU-627SLD-F1M54 Datasheet
51Kb / 3P
   1.55 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com