Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT531AA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FT531AA
Description  Ultra Low Noise, High PSRR, 250mA LDO
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT531AA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FT531AA Datasheet HTML 2Page - List of Unclassifed Manufacturers FT531AA Datasheet HTML 3Page - List of Unclassifed Manufacturers FT531AA Datasheet HTML 4Page - List of Unclassifed Manufacturers FT531AA Datasheet HTML 5Page - List of Unclassifed Manufacturers FT531AA Datasheet HTML 6Page - List of Unclassifed Manufacturers FT531AA Datasheet HTML 7Page - List of Unclassifed Manufacturers FT531AA Datasheet HTML 8Page - List of Unclassifed Manufacturers FT531AA Datasheet HTML 9Page - List of Unclassifed Manufacturers FT531AA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Fremont Micro Devices
FT531xx
www.fremontmicro.com
Page 6 of 23
DS531-A8
ELECTRICAL CHARACTERISTICS
Vout=1.2V; En=Vin=2.5V; Cout=
1uF unless otherwise noted
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
Accuracy
Vout
Iout=1mA
-2
---
+2
%
Imax
Vin=2.5V
250
300
---
mA
Current Limiter
Ishort
Vin=2.5V
---
20
---
mA
Line Regulations
△Vline
2.5V~6V
---
0.01
0.3
%/V
Load Regulation
△Vload
1mA
≤Iout≤100mA
---
10
---
mV
Dropout Voltage
Vdrop
Iout=100mA
---
400
---
mV
Supply Current
Iq
Vin=2.5V,Iout=0mA
---
36
---
uA
Standby Current
Istby
Shut down
---
0.01
1
uA
Temperature
Coefficient
△Vout/ (△Temp*
Vout)
Iout=30mA
-40°C
≤Temp≤85°C
---
100
---
ppm/
Output Noise
Voltage
e
NO
10Hz~100kHz
---
30
---
uVrms
PSRR@1k
---
72
---
Ripple
Rejection Rate
PSRR@10k
Vin=2.5VDC+1Vp-pAC,
Iout=30mA
---
60
---
dB
EN Input
Bias Current
Ien
---
0
100
nA
VL
---
---
---
0.3
V
EN Threshold
VH
---
1.2
---
6
V
* Dropout voltage is defined as the input to output differential at which the output voltage drops 2%
below its nominal value measured at 1V differential.


Similar Part No. - FT531AA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT531 ETC2-FT531 Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
FT531EA ETC2-FT531EA Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
More results

Similar Description - FT531AA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT531EA ETC2-FT531EA Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
FT531 ETC2-FT531 Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
logo
Renesas Technology Corp
RAA214023 RENESAS-RAA214023 Datasheet
2Mb / 45P
   Ultra Low Noise, High PSRR, LDO
Feb 3, 2023
RAA214020 RENESAS-RAA214020 Datasheet
2Mb / 46P
   Ultra Low Noise, High PSRR, LDO
Dec 17, 2021
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
ISL9021AIINZ-T INTERSIL-ISL9021AIINZ-T Datasheet
325Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
December 20, 2012
ISL9021 INTERSIL-ISL9021 Datasheet
188Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9021A INTERSIL-ISL9021A Datasheet
352Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Renesas Technology Corp
ISL9021A RENESAS-ISL9021A Datasheet
574Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com