Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T301054 Datasheet(PDF) 1 Page - E-SWITCH

Part No. T301054
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  E-SWITCH [E-SWITCH]
Homepage  http://www.e-switch.com
Logo 

T301054 Datasheet(HTML) 1 Page - E-SWITCH

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
300AWSP1R1REDM1RE
2:1
11/18/2009
T301054
A
BLR
1
1
10.42
[.410 in]
6.60
[.260 in]
12.70
[.500 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4 VOLT-AMPS MAX. @20V MAX. AC OR DC
6. CONTACT RESISTANCE: 10 Mille-OHMS MAX.
7. LIFE EXPECTANCY: 30,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
8. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
9. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
10. OPERATING TEMP.: -30°C to 85°C
11.
DENOTES CRITICAL PARAMETER.
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3
N/A
2-1
2
1
3
CIRCUIT: SPDT
A
18709
RELEASED FOR PRODUCTION
11/18/09
BLR
7.87
[.310 in]
ACTUATOR COLOR:
RED
1
3
2
3
1.98
[.078 in]
25~
POS. 1
POS. 3
3.96
[.156 in]
9.27
[.365 in]
EPOXY SEAL
13.49
[.531 in]
9.27
[.365 in]
.48
[.019 in]
.76
[.030 in]
4.70
[.185 in]
8.76
[.345 in]
29.36
[1.156 in]
n2.39
[.094 in]
23.80
[.937 in]
2.03
[.080 in]
1.19
[.047 in]
A
1.98
[.078 in]


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn