Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CVP34511-1001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # CVP34511-1001
Description  Sealed Housing, 4 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

CVP34511-1001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  CVP34511-1001 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
34511-1001
Status:
Active
Description:
Sealed Housing, 4 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-34511-555 (PDF)
General
Product Family
Crimp Housings
Series
34511
Application
Power
Product Name
N/A
UPC
822350229395
Physical
Circuits (maximum)
4
Color - Resin
Black
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Modified Polystyrene Alloy, Silicone
Net Weight
4.644/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
4.00mm
Pitch - Termination Interface
4.00mm
Polarized to Mating Part
Yes
Ports
4
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Material Info
Old Part Number
CVP34511-1001
Reference - Drawing Numbers
Product Specification
PS-34511-555
Sales Drawing
SD-34511-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
34511Series
This document was generated on 10/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - CVP34511-1001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
CVP34566-2003 MOLEX11-CVP34566-2003 Datasheet
57Kb / 1P
   2.54mm Pitch, MX123 Female Receptacle Housing
CVP34576-2003 MOLEX11-CVP34576-2003 Datasheet
46Kb / 1P
   2.54mm Pitch, MX123 Female Receptacle Housing
More results

Similar Description - CVP34511-1001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0345111001 MOLEX4-0345111001 Datasheet
227Kb / 2P
   1.2mm (.047") 4 Circuit Sealed Housing
0493470411 MOLEX6-0493470411 Datasheet
113Kb / 2P
   1.52mm (.060") Pitch, Sealed Wire-to-Board Housing, Female, 4 Circuits
98816-1118 MOLEX11-98816-1118 Datasheet
73Kb / 2P
   NSCC Single Part, Non-Sealed, 1.50mm, Female Housing, 10 Circuits
0022012041 MOLEX1-0022012041_17 Datasheet
43Kb / 1P
   KK 254 Crimp Housing, 4 Circuits
98816-1116 MOLEX11-98816-1116 Datasheet
73Kb / 2P
   NSCC Single Part, Non-Sealed, 1.50mm, Female Housing, 10 Circuits
43061-0015 MOLEX11-43061-0015 Datasheet
38Kb / 1P
   3.96mm Pitch SPOX??Housing, 4 Circuits
98816-1111 MOLEX11-98816-1111 Datasheet
61Kb / 2P
   NSCC Single Part, Non-Sealed, 1.50mm, Female Housing, 10 Circuits
98816-1115 MOLEX11-98816-1115 Datasheet
73Kb / 2P
   NSCC Single Part, Non-Sealed, 1.50mm, Female Housing, 10 Circuits
0430610015 MOLEX1-0430610015_17 Datasheet
31Kb / 1P
   3.96mm Pitch SPOX Housing, 4 Circuits
0430610004 MOLEX1-0430610004_17 Datasheet
32Kb / 1P
   3.96mm Pitch SPOX Housing, 4 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com