Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCO473542-3 Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

Part # DCO473542-3
Description  VOLTAGE CONTROLLED OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DCO473542-3 Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  DCO473542-3 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION DCO473542-3 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION DCO473542-3 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4650 - 5420 MHz
VOLTAGE CONTROLLED OSCILLATOR
SURFACE MOUNT MODEL:
DCO473542-3
OPTIMIZED BANDWIDTH
Copyright © Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 USA
Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • Website: http://www.synergymwave.com
Patents : http://www.synergymwave.com/patents
[ 2 of 3 ]
4630
4680
4730
4780
4830
4880
4930
4980
5030
5080
5130
5180
5230
5280
5330
5380
5430
5480
0
2
4
6
8
10
12
14
16
18
20
22
Control Voltage (Vdc)
+25ºC
+85ºC
-40ºC
-2
-1
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
12
14
16
18
20
22
Control Voltage (Vdc)
+25ºC
+85ºC
-40ºC


Similar Part No. - DCO473542-3

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DCO473542-5 SYNERGY-DCO473542-5 Datasheet
356Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results

Similar Description - DCO473542-3

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com