Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTMNTM-150 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LTMNTM-150
Description  MOLDED, SELF-RETAINING LED MOUNT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LTMNTM-150 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LTMNTM-150 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.100 [2.5mm]
0.100 [2.5mm]
Ø.14 [Ø3.4mm]
Ø.200 [Ø5.1mm]
H
DH
0.020 [0.5mm]
TYP.
LEAD RETAINING
AND DRAINAGE.
Ø.04 [Ø1.0mm]
Ø.150 [Ø3.8mm]
TYP.
LTM / NTM-140
LTM / NTM-150
LTM / NTM-160
LTM / NTM-170
LTM / NTM-180
LTM / NTM-190
LTM / NTM-200
LTM / NTM-210
LTM / NTM-220
LTM / NTM-130
LTM / NTM-240
LTM / NTM-250
LTM / NTM-260
LTM / NTM-270
LTM / NTM-280
LTM / NTM-290
LTM / NTM-230
LTM / NTM-120
PART
NO.
LTM / NTM-700
LTM / NTM-720
LTM / NTM-770
LTM / NTM-800
LTM / NTM-820
LTM / NTM-850
LTM / NTM-870
LTM / NTM-900
LTM / NTM-750
LTM / NTM-390
LTM / NTM-400
LTM / NTM-420
LTM / NTM-430
LTM / NTM-440
LTM / NTM-450
LTM / NTM-460
LTM / NTM-480
LTM / NTM-410
.210(5.3)
.220(5.6)
.185(7.7)
.240(6.1)
.250(6.4)
.260(6.6)
.270(6.9)
.280(7.1)
.290(7.4)
.230(5.8)
.390(9.9)
.400(10.2)
.460(11.7)
.450(11.4)
.440(11.2)
.430(10.9)
.420(10.7)
.480(12.2)
.310(7.9)
.410(10.4)
.690(17.5)
.700(17.8)
.720(18.3)
.770(19.6)
.800(20.3)
.820(20.8)
.850(21.6)
.870(22.1)
.900(22.9)
.750(19.1)
LTM / NTM-490
LTM / NTM-650
LTM / NTM-520
LTM / NTM-550
LTM / NTM-570
LTM / NTM-600
LTM / NTM-620
LTM / NTM-670
LTM / NTM-500
LTM / NTM-300
LTM / NTM-320
LTM / NTM-330
LTM / NTM-340
LTM / NTM-350
LTM / NTM-360
LTM / NTM-370
LTM / NTM-380
LTM / NTM-310
.120(3.1)
.060(1.5)
.140(3.6)
.150(3.8)
.160(4.1)
.170(4.3)
.180(4.6)
.190(4.8)
.200(5.1)
.130(3.3)
.300(7.6)
.330(8.4)
.340(8.6)
.360(9.1)
.370(9.4)
.380(9.7)
.320(8.1)
.350(8.9)
.185(4.7)
.310(7.9)
PART
NO.
DH
H
H
DH
.435(11.1)
.560(14.2)
.490(12.5)
.650(16.5)
.520(13.2)
.550(14.0)
.570(14.5)
.600(15.2)
.620(15.8)
.670(17.0)
.500(12.7)
.310(7.9)
H
DH
PART
NO.
1. GENERAL SPECIFICATIONS: BIVAR MOLDED COMPONENT SPECIFICATION BV00-E101.
DATE
APPROVED
REV.
DESCRIPTION
®
STANDARD TOLERANCE
LTM-NTM-XXX
SHEET #
OF
MOLDED, SELF-RETAINING LED MOUNT
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
TEL: (949) 951-8808
FAX: (949) 951-3974
4 THOMAS, IRVINE, CA. 92618
( UNLESS OTHERWISE SPECIFIED )
01/06/03
01/06/03
± 1°
M. Chen
David Green
.XXX
± .005
.XX
± .01
CHECKED:
DESIGNED:
DATE:
DATE:
.X
± .1
DECIMALS
ANGULAR
TITLE:
PART NO:
CAGE CODE : 32559
E
1
1
REVISION:
02/27/04
Engineering Update w/o Changes
D
M. C.
2. LTM MATERIAL: MPPS, 94V-0, BLACK. BIVAR MATERIAL CODE 56-BK.
BASF ULTRAMID NYLON 6/6 A3K NATURAL.
3. NTM MATERIAL: NYLON 6/6, 94V-2, NATURAL. BIVAR MATERIAL CODE 03-NL.
06/27/07
Changed LTM Material from 44-BK to 56-BK
E
M. C.


Similar Part No. - LTMNTM-150

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LTM ROITHNER-LTM Datasheet
35Kb / 1P
   LASERDIODEMODULE TYPE
logo
Yuechung International ...
LTM YIC-LTM Datasheet
439Kb / 1P
   LT Series of Ceramic Filter for Communication
logo
Lite-On Technology Corp...
LTM-0124M-01 LITEON-LTM-0124M-01 Datasheet
1Mb / 10P
   LED Display
LTM-0137M LITEON-LTM-0137M Datasheet
1Mb / 12P
   LED Display
LTM-0215F LITEON-LTM-0215F Datasheet
704Kb / 12P
   LED Display
More results

Similar Description - LTMNTM-150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLM-250 ETC2-SLM-250 Datasheet
23Kb / 1P
   MOLDED, SELF-RETAINING LED MOUNT
LTM-700 ETC1-LTM-700 Datasheet
61Kb / 1P
   MOLDED, SELF-RETAINING LED MOUNT
NTM-300 ETC1-NTM-300 Datasheet
61Kb / 1P
   MOLDED, SELF-RETAINING LED MOUNT
LTM-170 ETC2-LTM-170 Datasheet
61Kb / 1P
   MOLDED, SELF-RETAINING LED MOUNT
ELM3-050 ETC2-ELM3-050 Datasheet
15Kb / 1P
   EXTRUDED, SELF-RETAINING LED MOUNT
ELM4-555 ETC2-ELM4-555 Datasheet
14Kb / 1P
   EXTRUDED, SELF-RETAINING LED MOUNT
logo
Richco, Inc.
SRS4-2-01 RICHCO-SRS4-2-01 Datasheet
49Kb / 1P
   SELF RETAINING SPACERS
logo
Wurth Elektronik GmbH &...
70291XXXX WURTH-70291XXXX Datasheet
40Kb / 1P
   AsSNSR Self-retaining spacer
logo
Richco, Inc.
SRSG6-04-01 RICHCO-SRSG6-04-01 Datasheet
39Kb / 1P
   SELF RETAINING SCREW GROMMET
logo
List of Unclassifed Man...
SRS-1-7MM ETC2-SRS-1-7MM Datasheet
154Kb / 1P
   SELF-RETAINING PVC SPACERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com