Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1074I Datasheet(PDF) 11 Page - Linear Technology

Part # LT1074I
Description  Step-Down Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1074I Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1074I Datasheet HTML 7Page - Linear Technology LT1074I Datasheet HTML 8Page - Linear Technology LT1074I Datasheet HTML 9Page - Linear Technology LT1074I Datasheet HTML 10Page - Linear Technology LT1074I Datasheet HTML 11Page - Linear Technology LT1074I Datasheet HTML 12Page - Linear Technology LT1074I Datasheet HTML 13Page - Linear Technology LT1074I Datasheet HTML 14Page - Linear Technology LT1074I Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1074/LT1076
11
sn1074 1074fds
Figure 8. ILIM Pin Circuit
Figure 9. Foldback Current Limit
DESCRIPTIO S
PI
ILIM PIN
The ILIM pin is used to reduce current limit below the
preset value of 6.5A. The equivalent circuit for this pin is
shown in Figure 8.
Q1
R1
8K
TO LIMIT
CIRCUIT
VIN
320 A
µ
D1
D3
6V
ILIM
4.3V
D2
LT1047•PD12
When ILIM is left open, the voltage at Q1 base clamps at 5V
through D2. Internal current limit is determined by the
current through Q1. If an external resistor is connected
between ILIM and ground, the voltage at Q1 base can be
reduced for lower current limit. The resistor will have a
voltage across it equal to (320
µA)(R), limited to ≈5V when
clamped by D2. Resistance required for a given current
limit is:
RLIM = ILIM(2kΩ) + 1kΩ (LT1074)
RLIM = ILIM(5.5kΩ) + 1kΩ (LT1076)
As an example, a 3A current limit would require
3A(2k) + 1k = 7k
Ω for the LT1074. The accuracy of these
formulas is
±25% for 2A ≤ ILIM ≤ 5A (LT1074) and
7A
≤ ILIM ≤ 1.8A (LT1076), so ILIM should be set at least
25% above the
peak switch current required.
Foldback current limiting can be easily implemented by
adding a resistor from the output to the ILIM pin as shown
in Figure 9. This allows full desired current limit (with or
without RLIM) when the output is regulating, but reduces
current limit under short-circuit conditions. A typical value
for RFB is 5kΩ, but this may be adjusted up or down to set
the amount of foldback. D2 prevents the output voltage
from forcing current back into the ILIM pin. To calculate a
value for RFB, first calculate RLIM, the RFB:
R
IR
Rk
I
Rin k
FB
SC
L
LSC
L
=
()( )
−Ω
()
()
044
05
1
.*
.*
*Change 0.44 to 0.16, and 0.5 to 0.18 for LT1076.
Example: ILIM = 4A, ISC = 1.5A, RLIM = (4)(2k) + 1k = 9k
R
k
kk
k
FB =
()
()
()
()
15 044 9
05 9
1
15
38
..
..
.
Error Amplifier
The error amplifier in Figure 10 is a single stage design
with added inverters to allow the output to swing above
and below the common mode input voltage. One side of
the amplifier is tied to a trimmed internal reference voltage
of 2.21V. The other input is brought out as the FB (feed-
back) pin. This amplifier has a GM (voltage “in” to current
“out”) transfer function of
≈5000µmho. Voltage gain is
determined by multiplying GM times the total equivalent
output loading, consisting of the output resistance of Q4
and Q6 in parallel with the series RC external frequency
compensation network. At DC, the external RC is ignored,
and with a parallel output impedance for Q4 and Q6 of
400k
Ω, voltage gain is ≈2000. At frequencies above a few
hertz, voltage gain is determined by the external compen-
sation, RC and CC.
VOUT
ILIM
FB
RLIM
RFB
D2
1N4148
LT1074•PD13
LT1074


Similar Part No. - LT1074I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1074IT LINER-LT1074IT Datasheet
215Kb / 16P
   Step-Down Switching Regulator
LT1074IT7 LINER-LT1074IT7 Datasheet
215Kb / 16P
   Step-Down Switching Regulator
More results

Similar Description - LT1074I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com