Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMO40110-5 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # DCMO40110-5
Description  VOLTAGE CONTROLLED OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DCMO40110-5 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  DCMO40110-5 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION DCMO40110-5 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION DCMO40110-5 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
400 - 1100 MHz
VOLTAGE CONTROLLED OSCILLATOR
SURFACE MOUNT MODEL:
DCMO40110-5
wide BANdwidTH
This product is manufactured under one or more of the following patents. Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754; 5,805,431; 6,525,623; 6,850,575;
7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642; 7,292,113; 7,365,612; 7,495,525; 2,548,311; 2,548,317; 7,545,229; 7,580,693; 7,586,381; 7,605,670; 7,636,021; 2,533,623
| Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834; 11/259766; 60/622485 &
60/710310; 10/937525/60/736901; 60/732787; 7,495,525; 2,548,311; 2,548,317; 7,545,229; 2,563,174; 7,580,693; 7,612,296; 2,524,751
Copyright © Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 USA • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
[ 1 of 3 ]
FEATURES:
Exceptional Phase Noise Performance
Small Size, Surface Mount
Lead Free Patented REL-PRO® Technology
Buffered Output
Phase Noise
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
100
1000
10000
100000
1000000
10000000
Offset Frequency (Hz)
400.8MHz
542.8MHz
782.7MHz
956.7MHz
1077.8MHz
1100MHz
SPECIFICATIONS (Rev. D 11/23/09)
Frequency
400 - 1100 MHz
Tuning Voltage
See table below.
Bias Voltage
+5 VDC @ 45 mA (Max.)
Output Power
+4 dBm (Min.)
Tuning Sensitivity
17 - 55 MHz/V (Typ.)
Output Impedance
50 Ohms (Nom.)
Harmonic Suppression
8 dB (Typ.)
Frequency Pulling
5 MHz (Typ. @ 1.75:1 VSWR)
Frequency Pushing
5 MHz/V (Typ.)
Tuning Port Capacitance
194 pF (Typ.)
Phase Noise @ 10 kHz
-103 dBc/Hz (Typ.)
Operating Temperature Range
-40 to +85 °C
Guaranteed Tuning Specifications
Tuning Voltage ( V )
Frequency ( MHz )
0.5
400 (Max.)
5
490 (Min.)
8
620 (Min.)
12
780 (Min.)
15
890 (Min.)
18
975 (Min.)
24
1100 (Min.)
Absolute Maximum Ratings
Storage Temp. Range
-55 to +125 ºC
Bias Voltage
+5.5 V
Tuning Voltage
+26 V
DC Voltage Applied to RF Out
± 25 V
Package #
278LF


Similar Part No. - DCMO40110-5

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DCMO40110-12 SYNERGY-DCMO40110-12 Datasheet
500Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO40110-8 SYNERGY-DCMO40110-8 Datasheet
485Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
More results

Similar Description - DCMO40110-5

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com