Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25H080F-2LB Datasheet(PDF) 16 Page - Rohm

Part # BR25H080F-2LB
Description  Serial EEPROM Series Industrial EEPROM 125C Operation SPI BUS EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H080F-2LB Datasheet(HTML) 16 Page - Rohm

Back Button BR25H080F-2LB Datasheet HTML 12Page - Rohm BR25H080F-2LB Datasheet HTML 13Page - Rohm BR25H080F-2LB Datasheet HTML 14Page - Rohm BR25H080F-2LB Datasheet HTML 15Page - Rohm BR25H080F-2LB Datasheet HTML 16Page - Rohm BR25H080F-2LB Datasheet HTML 17Page - Rohm BR25H080F-2LB Datasheet HTML 18Page - Rohm BR25H080F-2LB Datasheet HTML 19Page - Rohm BR25H080F-2LB Datasheet HTML 20Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
BR25H080F-2LB
16/28
Datasheet
Datasheet
www.rohm.com
©2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0R1R0G100330-1-2
27.Feb.2014 Rev.002
Timing Chart
1. Write enable (WREN) / disable (WRDI) cycle
○This IC has write enable status and write disable status. It is set to write enable status by write enable command, and
it is set to write disable status by write disable command. As for these commands, set CSB LOW, and then input the
respective ope codes. The respective commands accept command at the 7-th clock rise. Even with input over 7 clocks,
command becomes valid.
When to carry out write and write status register command, it is necessary to set write enable status by the write enable
command. If write or write status register command is input in the write disable status, commands are cancelled. And even in
the write enable status, once write and write status register command is executed. It gets in the write disable status. After
power on, this IC is in write disable status.
2. Read command (READ)
Product
number
Address
length
BR25H080F-2LB
A9-A0
By read command, data of EEPROM can be read. As for this command, set CSB LOW, then input address after read ope
code. EEPROM starts data output of the designated address. Data output is started from SCK fall of 23 clock, and from D7 to
D0 sequentially. This IC has increment read function. After output of data for 1 byte (8bits), by continuing input of SCK, data
of the next address can be read. Increment read can read all the addresses of EEPROM. After reading data of the most
significant address, by continuing increment read, data of the most insignificant address is read.
WREN (WRITE ENABLE): Write enable
Figure 35. Write enable command
Figure 36. Write disable
WRDI (WRITE DISABLE): Write disable
High-Z
14
1
1
0
0
3
7
1
2
D6
SO
CSB
SCK
SI
4
5
A9
6
8
A0
A1
D7
23
30
24
D0
0
0
0
0
0
D2
D1
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
Figure 37. Read command
*=Don’t Care
High-Z
6
03
7
12
4
5
CSB
SCK
SO
SI
0
0
00
0
1
1
0
High-Z
00
0
0
SI
01
0
0
03
1
2
4
7
CSB
SCK
5
6
SO


Similar Part No. - BR25H080F-2LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H080F-2LB ROHM-BR25H080F-2LB Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H080F-2LBH2 ROHM-BR25H080F-2LBH2 Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H080F-2LB ROHM-BR25H080F-2LB_14 Datasheet
981Kb / 32P
   Operation SPI BUS EEPROM
More results

Similar Description - BR25H080F-2LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H020F-2LB ROHM-BR25H020F-2LB Datasheet
989Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H320F-2LB ROHM-BR25H320F-2LB Datasheet
963Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H010F-2LB ROHM-BR25H010F-2LB Datasheet
987Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H160F-2LB ROHM-BR25H160F-2LB Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H640F-2LB ROHM-BR25H640F-2LB Datasheet
959Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H040F-2LB ROHM-BR25H040F-2LB Datasheet
988Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H128F-2LB ROHM-BR25H128F-2LB Datasheet
995Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H080F-2LB ROHM-BR25H080F-2LB Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H040FVM-2C ROHM-BR25H040FVM-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125??Operation SPI BUS EEPROM
BR25H010-2C ROHM-BR25H010-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM 125 Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com