Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM79xxL-TA3-T Datasheet(PDF) 8 Page - E-Tech Electronics LTD

Part # LM79xxL-TA3-T
Description  3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LM79xxL-TA3-T Datasheet(HTML) 8 Page - E-Tech Electronics LTD

  LM79xxL-TA3-T Datasheet HTML 1Page - E-Tech Electronics LTD LM79xxL-TA3-T Datasheet HTML 2Page - E-Tech Electronics LTD LM79xxL-TA3-T Datasheet HTML 3Page - E-Tech Electronics LTD LM79xxL-TA3-T Datasheet HTML 4Page - E-Tech Electronics LTD LM79xxL-TA3-T Datasheet HTML 5Page - E-Tech Electronics LTD LM79xxL-TA3-T Datasheet HTML 6Page - E-Tech Electronics LTD LM79xxL-TA3-T Datasheet HTML 7Page - E-Tech Electronics LTD LM79xxL-TA3-T Datasheet HTML 8Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LM79XX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R101-007.H
APPLICATION CIRCUITS
UTC LM79XX
3
1
2
CO
1 μF
CI
2.2 μF
-VIN
-VOUT
Fig.1 Fixed output regulator
UTC LM7915
1
23
UTC LM7815
1
2
3
2.2 μF
1 μF
0.1 μ
F
0.33 μF
+20V
+15V
-15V
-20V
1N4001
1N4001
Fig.2 Split power supply(+-15V,1A)
UTC LM79XX
1
23
CI
2.2 μF
C3
2.5 μF
CO
1 μF
-VOUT
-VIN
R1
R2
Fig.3 Circuit for increasing output voltage
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - LM79xxL-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM79XXL-TA3-T UTC-LM79XXL-TA3-T Datasheet
218Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
LM79XXL-TA3-T UTC-LM79XXL-TA3-T Datasheet
280Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - LM79xxL-TA3-T

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LM7915J TGS-LM7915J_17 Datasheet
330Kb / 1P
   3-Terminal 1A Negative Voltage Regulator
logo
Fairchild Semiconductor
MC79XX FAIRCHILD-MC79XX_02 Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
LM79XX UTC-LM79XX_08 Datasheet
218Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_11 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79XX FAIRCHILD-KA79XX Datasheet
121Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
UTCLM79XX UTC-UTCLM79XX Datasheet
70Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
LM79XX UTC-LM79XX_15 Datasheet
238Kb / 8P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79DXXA UTC-79DXXA_V01 Datasheet
329Kb / 9P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_V01 Datasheet
226Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM7905 FAIRCHILD-LM7905 Datasheet
117Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
79TXXA UTC-79TXXA_15 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com