Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4532DA726 Datasheet(PDF) 10 Page - NEC

Part # MC-4532DA726
Description  32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-4532DA726 Datasheet(HTML) 10 Page - NEC

  MC-4532DA726 Datasheet HTML 1Page - NEC MC-4532DA726 Datasheet HTML 2Page - NEC MC-4532DA726 Datasheet HTML 3Page - NEC MC-4532DA726 Datasheet HTML 4Page - NEC MC-4532DA726 Datasheet HTML 5Page - NEC MC-4532DA726 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 6 page
background image
Data Sheet M13633EJ7V0DS00
10
MC-4532DA726
Serial PD
(1/2)
Byte No.
Function Described
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Notes
0
Defines the number of bytes written into
serial PD memory
80H
1
0
0
0
0
0
0
0
128 bytes
1
Total number of bytes of serial PD memory
08H
0
0
0
0
1
0
0
0
256 bytes
2
Fundamental memory type
04H
0
0
0
0
0
1
0
0
SDRAM
3
Number of rows
0CH
0
0
0
0
1
1
0
0
12 rows
4
Number of columns
0BH
0
0
0
0
1
0
1
1
11 columns
5
Number of banks
01H
0
0
0
0
0
0
0
1
1 bank
6
Data width
48H
0
1
0
0
1
0
0
0
72 bits
7
Data width (continued)
00H
0
0
0
0
0
0
0
0
0
8
Voltage interface
01H
0
0
0
0
0
0
0
1
LVTTL
9
CL = 3 Cycle time
-A80
80H
1
0
0
0
0
0
0
0
8 ns
-A10
A0H
1
0
1
0
0
0
0
0
10 ns
10
CL = 3 Access time
-A80
60H
0
1
1
0
0
0
0
0
6 ns
-A10
60H
0
1
1
0
0
0
0
0
6 ns
11
DIMM configuration type
02H
0
0
0
0
0
0
1
0
ECC
12
Refresh rate/type
80H
1
0
0
0
0
0
0
0
Normal
13
SDRAM width
04H
00
00
01
00
x4
14
Error checking SDRAM width
04H
0
0
0
0
0
1
0
0
x4
15
Minimum clock delay
01H
0
0
0
0
0
0
0
1
1 clock
16
Burst length supported
8FH
1
0
0
0
1
1
1
1
1, 2, 4, 8, F
17
Number of banks on each SDRAM
04H
0
0
0
0
0
1
0
0
4 banks
18
/CAS latency supported
06H
0
0
0
0
0
1
1
0
2, 3
19
/CS latency supported
01H
0
0
0
0
0
0
0
1
0
20
/WE latency supported
01H
0
0
0
0
0
0
0
1
0
21
SDRAM module attributes
1FH
0
0
0
1
1
1
1
1
Registered
22
SDRAM device attributes : General
0EH
0
0
0
0
1
1
1
0
23
CL = 2 Cycle time
-A80
A0H
1
0
1
0
0
0
0
0
10 ns
-A10
D0H
1
1
0
1
0
0
0
0
13 ns
24
CL = 2 Access time
-A80
60H
0
1
1
0
0
0
0
0
6 ns
-A10
70H
0
1
1
1
0
0
0
0
7 ns
25-26
00H
0
0
0
0
0
0
0
0
27
tRP(MIN.)
-A80
14H
0
0
0
1
0
1
0
0
20 ns
-A10
14H
0
0
0
1
0
1
0
0
20 ns
28
tRRD(MIN.)
-A80
10H
0
0
0
1
0
0
0
0
16 ns
-A10
14H
0
0
0
1
0
1
0
0
20 ns
29
tRCD(MIN.)
-A80
14H
0
0
0
1
0
1
0
0
20 ns
-A10
14H
0
0
0
1
0
1
0
0
20 ns
30
tRAS(MIN.)
-A80
30H
0
0
1
1
0
0
0
0
48 ns
-A10
32H
0
0
1
1
0
0
1
0
50 ns
31
Module bank density
40H
0
1
0
0
0
0
0
0
256M bytes


Similar Part No. - MC-4532DA726

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4532DA726 ELPIDA-MC-4532DA726 Datasheet
185Kb / 16P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4532DA726EFB-A10 ELPIDA-MC-4532DA726EFB-A10 Datasheet
185Kb / 16P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4532DA726EFB-A80 ELPIDA-MC-4532DA726EFB-A80 Datasheet
185Kb / 16P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4532DA726PFB-A10 ELPIDA-MC-4532DA726PFB-A10 Datasheet
185Kb / 16P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4532DA726PFB-A80 ELPIDA-MC-4532DA726PFB-A80 Datasheet
185Kb / 16P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results

Similar Description - MC-4532DA726

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4532DA727 ELPIDA-MC-4532DA727 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4532DA726 ELPIDA-MC-4532DA726 Datasheet
185Kb / 16P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4532DA727XFA ELPIDA-MC-4532DA727XFA Datasheet
162Kb / 14P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DC721 ELPIDA-MC-45D32DC721 Datasheet
196Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DA721 ELPIDA-MC-45D32DA721 Datasheet
210Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA727XFA ELPIDA-MC-4516DA727XFA Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4564EC726 NEC-MC-4564EC726 Datasheet
292Kb / 6P
   64 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA726 ELPIDA-MC-4516DA726 Datasheet
176Kb / 16P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4516DA726 NEC-MC-4516DA726 Datasheet
232Kb / 6P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA727 ELPIDA-MC-4516DA727 Datasheet
224Kb / 15P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com