Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STN4826 Datasheet(PDF) 3 Page - Stanson Technology

Part # STN4826
Description  Dual N Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN4826 Datasheet(HTML) 3 Page - Stanson Technology

  STN4826 Datasheet HTML 1Page - Stanson Technology STN4826 Datasheet HTML 2Page - Stanson Technology STN4826 Datasheet HTML 3Page - Stanson Technology STN4826 Datasheet HTML 4Page - Stanson Technology STN4826 Datasheet HTML 5Page - Stanson Technology STN4826 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STN4826
Dual N Channel Enhancement Mode MOSFET
8.0A
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
STN4826 2013. V1
3
ELECTRICAL CHARACTERISTICS
( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=250uA
60
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250 uA
0.8
2.5
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
VDS=48V,VGS=0V
1
Zero Gate Voltage Drain
Current
IDSS
TJ=55℃
VDS=48V,VGS=0V
5
uA
On-State Drain Current
ID(on)
VDS≦5V,VGS=4.5V
20
A
Drain-source On-Resistance
RDS(on)
VGS=10V, ID=8A
VGS=4.5V, ID=4A
0.030
0.040
0.038
0.045
Ω
Forward Tran Conductance
gfs
VDS=5.0V,ID=5.3A
11
S
Diode Forward Voltage
VSD
IS=1.7A,VGS=0V
0.8
1.0
V
Dynamic
Total Gate Charge
Qg
10
Gate-Source Charge
Qgs
3.5
Gate-Drain Charge
Qgd
VDS=15V,VGS=10V
ID≡5.3A
3.6
nC
Input Capacitance
Ciss
455
Output Capacitance
Coss
243
Reverse TransferCapacitance
Crss
VDS=15V,VGS=0V
f=1MHz
45
pF
10
14
Turn-On Time
td(on)
tr
10
20
20
35
Turn-Off Time
td(off)
tf
VDD=15V,RL=15Ω
ID=1.4A,VGEN=10V
RG=6Ω
10
15
nS


Similar Part No. - STN4826

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STN4822 STANSON-STN4822 Datasheet
516Kb / 6P
   STN4822 is the Dual N-Channel logic enhancement mode power field effect transistors which are produced using high cell density DMOS trench technology.
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
   Dual N Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STN4828 VBSEMI-STN4828 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - STN4826

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com