Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1070 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SK1070
Description  Silicon N-Channel Junction FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK1070 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SK1070 Datasheet HTML 1Page - Hitachi Semiconductor 2SK1070 Datasheet HTML 2Page - Hitachi Semiconductor 2SK1070 Datasheet HTML 3Page - Hitachi Semiconductor 2SK1070 Datasheet HTML 4Page - Hitachi Semiconductor 2SK1070 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SK1070
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Gate to drain voltage
V
GDO
–22
V
Gate to source voltage
V
GSO
–22
V
Drain current
I
D
50
mA
Gate current
I
G
10
mA
Channel power dissipation
Pch
150
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Gate cutoff current
I
GSS
–10
nA
V
GS = –15 V, VDS = 0
Gate to source breakdown
voltage
V
(BR)GSS
–22
V
I
G = –10 µA, VDS = 0
Drain current
I
DSS*
1
6
40
mA
V
DS = 5 V, VGS = 0, Pulse test
Gate to source cutoff voltage
V
GS(off)
0
–2.5
V
V
DS = 5 V, ID = 10 µA
Forward transfer admittance
fs
y
20
30
mS
V
DS = 5 V, VGS = 0, f = 1 kHz
Input capacitance
Ciss
9
pF
V
DS = 5 V, VGS = 0, f = 1 MHz
Note:
1. The 2SK1070 is grouped by I
DSS as follows.
Grade
B
C
D
E
Mark
PIB
PIC
PID
PIE
I
DSS
6 to 14
12 to 22
18 to 30
27 to 40
See characteristic curves of 2SK435.


Similar Part No. - 2SK1070

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK1070 RENESAS-2SK1070 Datasheet
58Kb / 5P
   Silicon N-Channel Junction FET
2SK1070PICTL-E RENESAS-2SK1070PICTL-E Datasheet
58Kb / 5P
   Silicon N-Channel Junction FET
2SK1070PICTL-E RENESAS-2SK1070PICTL-E Datasheet
93Kb / 6P
   Silicon N-Channel Junction FET
2SK1070PICTL-H RENESAS-2SK1070PICTL-H Datasheet
93Kb / 6P
   Silicon N-Channel Junction FET
2SK1070PIDTL-E RENESAS-2SK1070PIDTL-E Datasheet
58Kb / 5P
   Silicon N-Channel Junction FET
More results

Similar Description - 2SK1070

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK217 HITACHI-2SK217 Datasheet
36Kb / 7P
   Silicon N-Channel Junction FET
logo
Panasonic Semiconductor
2SK1860 PANASONIC-2SK1860 Datasheet
77Kb / 3P
   Silicon N-Channel Junction FET
2SK1103 PANASONIC-2SK1103 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
2SK198 PANASONIC-2SK198 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
2SK2380 PANASONIC-2SK2380 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
logo
Hitachi Semiconductor
2SK522 HITACHI-2SK522 Datasheet
36Kb / 8P
   Silicon N-Channel Junction FET
logo
Sony Corporation
2SK121 SONY-2SK121 Datasheet
115Kb / 5P
   Silicon N-Channel Junction FET
logo
Guangdong Kexin Industr...
2SK303 KEXIN-2SK303 Datasheet
40Kb / 1P
   N-Channel Junction Silicon FET
logo
Panasonic Semiconductor
2SK123 PANASONIC-2SK123 Datasheet
30Kb / 2P
   Silicon N-Channel Junction FET
2SK374 PANASONIC-2SK374 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com