Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ587 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SJ587
Description  Silicon P Channel MOS FET High Speed Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ587 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SJ587 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ587 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ587 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ587 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ587 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ587 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ587 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ587 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2SJ587
Silicon P Channel MOS FET
High Speed Switching
ADE-208-801 (Z)
1st.Edition.
June 1999
Features
• Low on-resistance
R
DS = 8.5 Ω typ. (VGS = -4 V , ID = -25 mA)
R
DS = 15 typ. (VGS = -2.5 V , ID = -10 mA)
• 2.5 V gate drive device.
• Small package (SMPAK)
Outline
1. Source
2. Gate
3. Drain
SMPAK
2
3
1
D
S
G
1
2
3


Similar Part No. - 2SJ587

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SJ580 SANYO-2SJ580 Datasheet
29Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ583 SANYO-2SJ583 Datasheet
42Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ583LS SANYO-2SJ583LS Datasheet
42Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ584LS SANYO-2SJ584LS Datasheet
42Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ585LS SANYO-2SJ585LS Datasheet
42Kb / 4P
   Ultrahigh-Speed Switching Applications
More results

Similar Description - 2SJ587

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ576 HITACHI-2SJ576 Datasheet
27Kb / 5P
   Silicon P Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SJ574 RENESAS-2SJ574 Datasheet
58Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
logo
Hitachi Semiconductor
2SJ574 HITACHI-2SJ574 Datasheet
39Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
2SJ588 HITACHI-2SJ588 Datasheet
26Kb / 5P
   Silicon P Channel MOS FET High Speed Switching
2SJ575 HITACHI-2SJ575 Datasheet
39Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SJ575 RENESAS-2SJ575 Datasheet
167Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
2SJ574 RENESAS-2SJ574_15 Datasheet
244Kb / 8P
   Silicon P Channel MOS FET High Speed Switching
2SJ586 RENESAS-2SJ586 Datasheet
158Kb / 10P
   Silicon P Channel MOS FET High Speed Switching
2SJ574 RENESAS-2SJ574_11 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET High Speed Switching
2SJ576 RENESAS-2SJ576 Datasheet
46Kb / 7P
   Silicon P Channel MOS FET High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com