Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2768BM Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2768BM
Description  HEADPHONE AMPLIFIER for CD-ROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2768BM Datasheet(HTML) 3 Page - New Japan Radio

  NJM2768BM Datasheet HTML 1Page - New Japan Radio NJM2768BM Datasheet HTML 2Page - New Japan Radio NJM2768BM Datasheet HTML 3Page - New Japan Radio NJM2768BM Datasheet HTML 4Page - New Japan Radio NJM2768BM Datasheet HTML 5Page - New Japan Radio NJM2768BM Datasheet HTML 6Page - New Japan Radio NJM2768BM Datasheet HTML 7Page - New Japan Radio NJM2768BM Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NJM2768B
-3 -
TERMINAL DESCRIPTION
PIN
NO.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
TERMINAL
VOLTAGE
1
7
OUT1
OUT2
OUTPUT1
OUTPUT2
(V
+-1V
BE)/2
2
MUTE
MUTE CONTROL
-
3
5
IN1
IN2
INPUT1
INPUT2
(V
+-1V
BE)/2
6
BIAS
REFERENCE VOLTAGE
STABILIIZED CAPACITOR
CONNECT TERMINAL
(V
+-1V
BE)/2
350k
10uA
50k
50k
BIAS
50k
50k
FB


Similar Part No. - NJM2768BM

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2768 NJRC-NJM2768 Datasheet
100Kb / 4P
   HAEDPHONE AMPLIFIER for CD-ROM
NJM2768M NJRC-NJM2768M Datasheet
100Kb / 4P
   HAEDPHONE AMPLIFIER for CD-ROM
More results

Similar Description - NJM2768BM

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2769B NJRC-NJM2769B Datasheet
308Kb / 7P
   HEADPHONE AMPLIFIER for CD-ROM
logo
Rohm
BA3530FS ROHM-BA3530FS Datasheet
77Kb / 6P
   Headphone amplifier with internal LPF and EVR for CD-ROM
BH3540AFS ROHM-BH3540AFS Datasheet
77Kb / 5P
   Headphone amplifier with internal LPF and EVR for CD-ROM
BH3541F ROHM-BH3541F Datasheet
122Kb / 8P
   Headphone amplifier for CD-ROMs
logo
Unisonic Technologies
3544 UTC-3544_09 Datasheet
338Kb / 10P
   HEADPHONE AMPLIFIER FOR CD-ROMS
3544 UTC-3544_15 Datasheet
354Kb / 10P
   HEADPHONE AMPLIFIER FOR CD-ROMS
3544 UTC-3544 Datasheet
92Kb / 9P
   HEADPHONE AMPLIFIER FOR CD-ROMS
logo
Sony Corporation
CXA2555Q SONY-CXA2555Q Datasheet
331Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2556Q SONY-CXA2556Q Datasheet
318Kb / 22P
   RF Amplifier for CD Player/CD-ROM
logo
New Japan Radio
NJM2768 NJRC-NJM2768 Datasheet
100Kb / 4P
   HAEDPHONE AMPLIFIER for CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com