Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAG02Z8R2K Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LAG02Z8R2K
Description  AXIAL LEADED INDUCTORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LAG02Z8R2K Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LAG02Z8R2K Datasheet HTML 1Page - List of Unclassifed Manufacturers LAG02Z8R2K Datasheet HTML 2Page - List of Unclassifed Manufacturers LAG02Z8R2K Datasheet HTML 3Page - List of Unclassifed Manufacturers LAG02Z8R2K Datasheet HTML 4Page - List of Unclassifed Manufacturers LAG02Z8R2K Datasheet HTML 5Page - List of Unclassifed Manufacturers LAG02Z8R2K Datasheet HTML 6Page - List of Unclassifed Manufacturers LAG02Z8R2K Datasheet HTML 7Page - List of Unclassifed Manufacturers LAG02Z8R2K Datasheet HTML 8Page - List of Unclassifed Manufacturers LAG02Z8R2K Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
297
5
LAN02
ZR12K
0.12
500.0
0.12
850.0
LAN02
ZR15K
0.15
500.0
0.14
800.0
LAN02
ZR18K
0.18
500.0
0.15
760.0
LAN02
ZR22K
0.22
500.0
0.16
730.0
LAN02
ZR27K
0.27
500.0
0.18
690.0
LAN02
ZR33K
0.33
M
10L
480.0
0.19
660.0
LAN02
ZR39K
0.39
25.2
430.0
0.21
640.0
LAN02
ZR47K
0.47
380.0
0.23
610.0
LAN02
ZR56K
0.56
350.0
0.25
580.0
LAN02
ZR68K
0.68
50.0
310.0
0.27
550.0
LAN02
ZR82K
0.82
270.0
0.29
520.0
LAN02
Z1R0J
1.0
240.0
0.32
500.0
LAN02
Z1R2J
1.2
210.0
0.35
480.0
LAN02
Z1R5J
1.5
190.0
0.38
450.0
LAN02
Z1R8J
1.8
140.0
0.42
430.0
LAN02
Z2R2J
2.2
90.0
0.47
410.0
LAN02
Z2R7J
2.7
70.0
0.52
390.0
LAN02
Z3R3J
3.3
7.96
50.0
0.57
370.0
LAN02
Z3R9J
3.9
35.0
0.63
360.0
LAN02
Z4R7J
4.7
32.0
0.69
340.0
LAN02
Z5R6J
5.6
30.0
0.75
320.0
LAN02
Z6R8J
6.8
28.0
0.84
310.0
LAN02
Z8R2J
8.2
26.0
0.92
290.0
LAN02
Z100J
10.0
40.0
24.0
1.0
280.0
LAN02
Z120J
12.0
22.0
1.0
280.0
LAN02
Z150J
15.0
20.0
1.2
265.0
LAN02
Z180J
18.0
18.0
1.3
250.0
LAN02
Z220J
22.0
M
5 L
17.0
1.5
235.0
LAN02
Z270J
27.0
15.0
1.7
220.0
LAN02
Z330J
33.0
14.0
2.2
180.0
LAN02
Z390J
39.0
2.52
13.0
2.4
170.0
LAN02
Z470J
47.0
12.0
2.8
160.0
LAN02
Z560J
56.0
10.0
4.1
140.0
LAN02
Z680J
68.0
9.2
4.5
130.0
LAN02
Z820J
82.0
8.8
5.0
125.0
LAN02
Z101J
100.0
8.0
5.6
120.0
LAN02
Z121J
120.0
50.0
6.6
9.2
90.0
LAN02
Z151J
150.0
5.8
10.5
85.0
LAN02
Z181J
180.0
5.4
11.5
80.0
LAN02
Z221J
220.0
4.8
13.0
75.0
LAN02
Z271J
270.0
0.796
3.6
16.0
70.0
LAN02
Z331J
330.0
3.4
18.0
66.0
LAN02
Z391J
390.0
3.2
20.0
63.0
LAN02
Z471J
470.0
3.0
22.0
60.0
LAN02
形名のZにはリード加工形状記号が入ります。
Z Please specify the Lead configuration code.
アイテム一覧 PART NUMBERS
公  称
インダクタンス
Inductance
[AH]
形  名
Ordering code
定格電流
Rated
current
h
mAi
f
max.g
直流抵抗
DC
Resistance
hEi
f
max.g
自己共振
周波 数
SelfKresonant
frequency
h
MHzi
f
min.g
測 定
周波数
Measuring
frequency
h
MHzi
Q
f
min.g
インダクタンス
許容差
Inductance
Tolerance


Similar Part No. - LAG02Z8R2K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAG5AP OSRAM-LAG5AP Datasheet
915Kb / 21P
   substitution of micro incandescent lamps
LAG5AP-CXDX-24-1 OSRAM-LAG5AP-CXDX-24-1 Datasheet
915Kb / 21P
   substitution of micro incandescent lamps
LAG5AP-CXDX-24-1- OSRAM-LAG5AP-CXDX-24-1- Datasheet
915Kb / 21P
   white PLCC-4 package, colorless clear
LAG5AP-CZDZ-24-1 OSRAM-LAG5AP-CZDZ-24-1 Datasheet
915Kb / 21P
   white PLCC-4 package, colorless clear
LAG5AP-CZDZ-24-1 OSRAM-LAG5AP-CZDZ-24-1 Datasheet
915Kb / 21P
   substitution of micro incandescent lamps
More results

Similar Description - LAG02Z8R2K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB1R2K TAIYO-YUDEN-CAL45VB1R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB2R2K TAIYO-YUDEN-CAL45VB2R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB2R7K TAIYO-YUDEN-CAL45VB2R7K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB4R7K TAIYO-YUDEN-CAL45VB4R7K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB8R2K TAIYO-YUDEN-CAL45VB8R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB150K TAIYO-YUDEN-CAL45VB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com