Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAG02Z1R2K Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # LAG02Z1R2K
Description  AXIAL LEADED INDUCTORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LAG02Z1R2K Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button LAG02Z1R2K Datasheet HTML 6Page - List of Unclassifed Manufacturers LAG02Z1R2K Datasheet HTML 7Page - List of Unclassifed Manufacturers LAG02Z1R2K Datasheet HTML 8Page - List of Unclassifed Manufacturers LAG02Z1R2K Datasheet HTML 9Page - List of Unclassifed Manufacturers LAG02Z1R2K Datasheet HTML 10Page - List of Unclassifed Manufacturers LAG02Z1R2K Datasheet HTML 11Page - List of Unclassifed Manufacturers LAG02Z1R2K Datasheet HTML 12Page - List of Unclassifed Manufacturers LAG02Z1R2K Datasheet HTML 13Page - List of Unclassifed Manufacturers LAG02Z1R2K Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
303
5
梱包 PACKAGING
Type
リード加工記号
標準数量fpcs.g
Lead Configuration code
Standard quantity
LAL02
TB
2,000
LAP02
TA
2,000
LAN02
TA
2,000
LAL03
TAYTB
2,000
LAL04
TB
2,500
LAL05
TB
2,000
1
アキシャルリードの横テーピング Taping for Straight Leads
標準数量 Standard quantity
2
アキシャルリードの縦テーピング Taping for Formed Leads
Type
リード加工記号
標準数量fpcs.g
Lead Configuration code
Standard quantity
LAL02
VDYVA
2,000
LAL03
VB
2,000
3
バルクf袋づめg Bulk
Type
リード加工記号
標準数量fpcs.g
Lead Configuration code
Standard quantity
LAL02
NA
500
LAP02
KR
2,000
LAN02
KR
500
LAL03
NAYKH
500
LAL04
NAYKBYSK
500
 NA形状
Type
寸 法
最小挿入ピッチ
Dimensions
B
DL
B
d
b
LAL02
2.3max
3.4max
0.50M0.05
24M2.0
5.0
f
0.091maxgf0.134maxg f0.020M0.002g f0.945M0.079g
f
0.197g
2.6
J
0.1
7.0max
0.50M0.05
22M2.0
10.0
LAL03
K
0.2
f
0.102
   gf0.276maxg f0.020M0.002g f0.866M0.079g
f
0.394g
LAL04
4.0max
9.8max
0.65M0.05
20M2.0
12.5
f
0.157maxgf0.386maxg f0.026M0.002g f0.787M0.079g
f
0.492g
Unit
Dmmfinchg
 KR/KH/KB形状
Unit
Dmmfinchg
Type
リード加工
寸 法
形状記号
Dimensions
B
DF
B
db
LAP02
KR
2.3max
5.0M0.5
0.45M0.05 7.0M1.0
f
0.091maxg
f
0.197M0.020gf0.018M0.002gf0.276M0.039g
LAN02
KR
2.4max
5.0M0.5
0.45M0.05 7.0M1.0
f
0.094maxg
f
0.197M0.020gf0.018M0.002gf0.276M0.039g
2.6
J
0.1
LAL03
KH
K
0.2
10.0M0.50 0.50M0.05 6.5M0.5
f
0.102
g f
0.394M0.020gf0.020M0.002gf0.256M0.020g
LAL04
KB
4.0max
12.5M1.02 0.65M0.05 6.0M0.5
f
0.157maxg f0.492M0.039gf0.026M0.002gf0.236M0.020g
 SK形状
Minimum
insertion
pitch
Lead configuration
code
J
0.004
K
0.008
J
0.004
K
0.008
Unit
Dmmfinchg
Type
寸 法
Dimensions
Aa
B
DF
B
d
b
LAL04
9.8max 14.0max 4.0max
5.0M1.5
0.65M0.05
6.0M1.0
f
0.386maxgf0.551maxgf0.157maxgf0.197M0.059gf0.026M0.002gf0.236M0.039g


Similar Part No. - LAG02Z1R2K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAG5AP OSRAM-LAG5AP Datasheet
915Kb / 21P
   substitution of micro incandescent lamps
LAG5AP-CXDX-24-1 OSRAM-LAG5AP-CXDX-24-1 Datasheet
915Kb / 21P
   substitution of micro incandescent lamps
LAG5AP-CXDX-24-1- OSRAM-LAG5AP-CXDX-24-1- Datasheet
915Kb / 21P
   white PLCC-4 package, colorless clear
LAG5AP-CZDZ-24-1 OSRAM-LAG5AP-CZDZ-24-1 Datasheet
915Kb / 21P
   white PLCC-4 package, colorless clear
LAG5AP-CZDZ-24-1 OSRAM-LAG5AP-CZDZ-24-1 Datasheet
915Kb / 21P
   substitution of micro incandescent lamps
More results

Similar Description - LAG02Z1R2K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB1R2K TAIYO-YUDEN-CAL45VB1R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB2R2K TAIYO-YUDEN-CAL45VB2R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB2R7K TAIYO-YUDEN-CAL45VB2R7K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB4R7K TAIYO-YUDEN-CAL45VB4R7K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB8R2K TAIYO-YUDEN-CAL45VB8R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB150K TAIYO-YUDEN-CAL45VB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com