Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE60N160B Datasheet(PDF) 3 Page - Micross Components

Part # ICE60N160B
Description  N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

ICE60N160B Datasheet(HTML) 3 Page - Micross Components

  ICE60N160B Datasheet HTML 1Page - Micross Components ICE60N160B Datasheet HTML 2Page - Micross Components ICE60N160B Datasheet HTML 3Page - Micross Components ICE60N160B Datasheet HTML 4Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
V
GS = 10V to 7V
Output Characteristics
Transfer Characterstics
On State Resistance vs Drain Current
Q
g - Total Gate Charge (nC)
Gate Charge
On Resistance vs Junction Temperature
6V
5V
V
GS = 10V
I
D = 12A
10
200
100
50
0.5
20
1
20
30
40
60
70
1.5
2.0
1.0
2
50
300
350
2.5
10
3
250
150
3.0
3.5
4.0
30
60
70
40
50
4
5
6
7
8
9
10
0
0
0.0
0
0
0
0
10
-50
0
0
100
75
60
80
100
6
10
150
125
20
8
10
15
20
20
30
40
50
60
70
50
25
4
5
0
-25
40
2
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603 788920, Web: www.micross.com, Email: chipcomponents@micross.com
3
ICE60N160B
T
J = 150°C
25°C
V
GS = 10V
V
DS = 480V
I
D = 23.8A
V
DS - Drain to Source Voltage (V)
I
D - Drain Current (A)
T
J - Junction Temperature (°C)
V
GS - Gate to Source Voltage (V)


Similar Part No. - ICE60N160B

ManufacturerPart #DatasheetDescription
logo
Icemos Technology
ICE60N160B ICEMOS-ICE60N160B Datasheet
533Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - ICE60N160B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com