Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L101C331 Datasheet(PDF) 2 Page - Bi technologies

Part # L101C331
Description  Thick Film Low Profile SIP Conformal Coated Resistor Networks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

L101C331 Datasheet(HTML) 2 Page - Bi technologies

  L101C331 Datasheet HTML 1Page - Bi technologies L101C331 Datasheet HTML 2Page - Bi technologies L101C331 Datasheet HTML 3Page - Bi technologies L101C331 Datasheet HTML 4Page - Bi technologies L101C331 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4-38
Model L Series
-3 Circuit (Isolated Resistors) & -1 Circuits (Bussed Resistors)
Ohms
Code
Ohms
Code
Ohms
Code
22
220
820
821
33K
333
27
270
1K
102
39K
393
33
330
1.2K
122
47K
473
39
390
1.5K
152
51K
513
47
470
1.8K
182
56K
563
51
510
2K
202
68K
683
56
560
2.2K
222
82K
823
68
680
2.7K
272
100K
104
82
820
3.3K
332
120K
124
100
101
3.9K
392
150K
154
120
121
4.7K
472
180K
184
150
151
5.1K
512
200K
204
180
181
5.6K
562
220K
224
200
201
6.8K
682
270K
274
220
221
8.2K
822
330K
334
270
271
10K
103
390K
394
330
331
12K
123
470K
474
390
391
15K
153
510K
514
470
471
18K
183
560K
564
510
511
20K
203
680K
684
560
561
22K
223
820K
824
680
681
27K
273
1Meg
105
Ohms
Code
Ohms
Code
Ohms
Code
R1/R2
R1/R2
R1/R2
R1/R2
R1/R2
R1/R2
180/390
181/391
330/390
331/391
3K/6.2K
302/622
220/270
221/271
330/470
331/471
220/330
221/331
330/680
331/681
MECHANICAL
Lead Material
Steel Alloy (Standard)
Copper Alloy (Optional)
Lead Finish
90/10 Tin-Lead
Substrate Material
Alumina
Resistor Material
Cermet
Body Material
Conformal Epoxy Resin
STANDARD RESISTANCE VALUES, OHMS
-5 Circuit (Dual Terminators)
Percent of
Rated Power
100
80
60
40
20
0
150
125
70
-0
Degrees C
POWER DERATING CURVE
POWER DISSIPATION, WATTS AT 70°C
— Resistor (Per Circuit) —
Model
Package
-1
-3
-5
L06
.6
.125
.200
.125
L08
.8
.125
.200
.125
L10
1.0
.125
.200
.125


Similar Part No. - L101C331

ManufacturerPart #DatasheetDescription
logo
C&K Components
L101 CK-COMPONENTS-L101 Datasheet
329Kb / 6P
   Miniature Slide Switches
L101 CK-COMPONENTS-L101 Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
logo
Gilway Technical Lamp
L1010 GILWAY-L1010 Datasheet
52Kb / 1P
   Precision Half Spherical Lamps
logo
ITT Industries
L101011MS02B ITT-L101011MS02B Datasheet
615Kb / 6P
   Miniature Slide Switches
L101011MS02B2 ITT-L101011MS02B2 Datasheet
615Kb / 6P
   Miniature Slide Switches
More results

Similar Description - L101C331

ManufacturerPart #DatasheetDescription
logo
Bi technologies
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
L103C330 BITECH-L103C330 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
BH85331F BITECH-BH85331F Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
logo
Vishay Siliconix
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
logo
Bi technologies
T81331J BITECH-T81331J Datasheet
55Kb / 4P
   Thick Film Super Low Profile SIP Resistor Networks
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
   SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Bourns Electronic Solut...
4605X BOURNS-4605X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4612X BOURNS-4612X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com